Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAP5SD-B-G1-R Datasheet(PDF) 39 Page - Zentrum Mikroelektronik Dresden AG

Part # SAP5SD-B-G1-R
Description  Universal Actuator-Sensor Interface IC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

SAP5SD-B-G1-R Datasheet(HTML) 39 Page - Zentrum Mikroelektronik Dresden AG

Back Button SAP5SD-B-G1-R Datasheet HTML 35Page - Zentrum Mikroelektronik Dresden AG SAP5SD-B-G1-R Datasheet HTML 36Page - Zentrum Mikroelektronik Dresden AG SAP5SD-B-G1-R Datasheet HTML 37Page - Zentrum Mikroelektronik Dresden AG SAP5SD-B-G1-R Datasheet HTML 38Page - Zentrum Mikroelektronik Dresden AG SAP5SD-B-G1-R Datasheet HTML 39Page - Zentrum Mikroelektronik Dresden AG SAP5SD-B-G1-R Datasheet HTML 40Page - Zentrum Mikroelektronik Dresden AG SAP5SD-B-G1-R Datasheet HTML 41Page - Zentrum Mikroelektronik Dresden AG SAP5SD-B-G1-R Datasheet HTML 42Page - Zentrum Mikroelektronik Dresden AG SAP5SD-B-G1-R Datasheet HTML 43Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 62 page
background image
SAP5S / SAP51
Universal Actuator-Sensor Interface IC
Data Sheet
July 17, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 3.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
39 of 62
4.9. Data and Parameter Port Configuration
Data and Parameter ports are configured by programming the IO_Code in the E²PROM. Moreover, the
configuration also depends on the Safety_Mode_Enable settings.
NOTE: Below Table 25 refers to slaves not running in Safety Mode (refer to chapter 4.18)
The following configurations are possible:
OUT: output only, data are valid up to the next DSTBn/PSTBn strobe pulse
IN: input only, open drain output is fixed at high-impedance state
I/O: bi-directional port with timing according to Figure 6 and Figure 7
INOUT: In case IO_Code = 7 Parameter ports are configured outputs after WPAR master calls and
inputs after DEXG master calls, respectively.
PASSIV: no input function and open drain output is fixed at high-impedance state
If one of the data ports D0…D3 is configured as OUT, the SAP5 slave answer to a DEXG master request
contains the respective information bit I0...I3 received from the master. However, parameter ports P0...P3 are
always operated bi-directional, including a read-back of the actual port level as described in chapter 4.8 on
page 33.
Table 25: Data and Parameter Port Configuration for Non-Safety-Mode Operation
IO_Code
D0
D1
D2
D3
1
P0
P1
P2
P3
1
0
IN
IN
IN
IN
OUT
OUT
OUT
OUT
1
IN
IN
IN
OUT
OUT
OUT
OUT
OUT
2
IN
IN
IN
I/O
OUT
OUT
OUT
OUT
3
IN
IN
OUT
OUT
OUT
OUT
OUT
OUT
4
IN
IN
I/O
I/O
OUT
OUT
OUT
OUT
5
IN
OUT
OUT
OUT
OUT
OUT
OUT
OUT
6
IN
I/O
I/O
I/O
OUT
OUT
OUT
OUT
7
2
OUT
OUT
OUT
OUT
INOUT
INOUT
INOUT
INOUT
8
OUT
OUT
OUT
OUT
OUT
OUT
OUT
OUT
9
OUT
OUT
OUT
IN
OUT
OUT
OUT
OUT
A
OUT
OUT
OUT
I/O
OUT
OUT
OUT
OUT
B
OUT
OUT
IN
IN
OUT
OUT
OUT
OUT
C
OUT
OUT
I/O
I/O
OUT
OUT
OUT
OUT
D
OUT
IN
IN
IN
OUT
OUT
OUT
OUT
E
OUT
I/O
I/O
I/O
OUT
OUT
OUT
OUT
F
3
PASSIV
PASSIV
PASSIV
PASSIV
OUT
OUT
OUT
OUT
1 Slaves running in Extended_Address_Mode (ID_Code = 0xA) will output the respective select bit (I3) at the
P3 pin and at the D3 pin in case it is configured as OUT or I/O.
2 The special case IO_Code = 0x7 causes the Parameter Ports acting as Data Inputs after DEXG master
calls. Thus a bi-directional data exchange with separate data inputs and outputs is possible. Parameter Ports
are always outputs after WPAR master calls.
NOTE: IO_Code = 0x7 is not allowed for the SAP5 16 Pin version.
3 There is no data exchange possible in case IO_Code = 0xF, i.e. Data Outputs are always at high impedance
state, no slave answer is generated for received DEXG master calls.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com