Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAP5SD-B-G1-R Datasheet(PDF) 43 Page - Zentrum Mikroelektronik Dresden AG

Part # SAP5SD-B-G1-R
Description  Universal Actuator-Sensor Interface IC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

SAP5SD-B-G1-R Datasheet(HTML) 43 Page - Zentrum Mikroelektronik Dresden AG

Back Button SAP5SD-B-G1-R Datasheet HTML 39Page - Zentrum Mikroelektronik Dresden AG SAP5SD-B-G1-R Datasheet HTML 40Page - Zentrum Mikroelektronik Dresden AG SAP5SD-B-G1-R Datasheet HTML 41Page - Zentrum Mikroelektronik Dresden AG SAP5SD-B-G1-R Datasheet HTML 42Page - Zentrum Mikroelektronik Dresden AG SAP5SD-B-G1-R Datasheet HTML 43Page - Zentrum Mikroelektronik Dresden AG SAP5SD-B-G1-R Datasheet HTML 44Page - Zentrum Mikroelektronik Dresden AG SAP5SD-B-G1-R Datasheet HTML 45Page - Zentrum Mikroelektronik Dresden AG SAP5SD-B-G1-R Datasheet HTML 46Page - Zentrum Mikroelektronik Dresden AG SAP5SD-B-G1-R Datasheet HTML 47Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 62 page
background image
SAP5S / SAP51
Universal Actuator-Sensor Interface IC
Data Sheet
July 17, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 3.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
43 of 62
UIN
U5R
tLOW
reset
about 15V
VPOR1F
VPOR1R
Figure 9: Power-On Behavior (all modes)
Note: The power-on reset circuit has a threshold voltage reference. This reference matches the process
tolerance of the logic levels and must not be very accurate. All values depend slightly on the raise and
fall time of the supply voltage.
4.13.2. Logic controlled Reset
The IC also becomes reset after reception of Reset_Slave or Broadcast_Reset commands, expiration of the
(enabled) Communication Watchdog or entering of a forbidden state machine state (i.e. due to heavy EMI).
4.13.3. External Reset
The IC can be reset externally by pulling the DSTBn pin LOW for more than a minimum reset time. The
external reset input function is provided in every operational mode of the IC – Slave Mode and
Master/Repeater Mode. The following signal timings apply:
Table 31: Timing of external reset
Symbol Parameter
Min
Max
Unit
Note
tnoRESET
DSTBn LOW time for no reset initiation
90
ms
tRESET
Reset execution time,
DSTBn H/L transition to Hi-Z output drives at DO0...DO3, P0…P3
99
ms
tINIT
State Machine initialization time after reset (E²PROM read out)
2
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com