Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAP5SD-B-G1-R Datasheet(PDF) 13 Page - Zentrum Mikroelektronik Dresden AG

Part # SAP5SD-B-G1-R
Description  Universal Actuator-Sensor Interface IC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

SAP5SD-B-G1-R Datasheet(HTML) 13 Page - Zentrum Mikroelektronik Dresden AG

Back Button SAP5SD-B-G1-R Datasheet HTML 9Page - Zentrum Mikroelektronik Dresden AG SAP5SD-B-G1-R Datasheet HTML 10Page - Zentrum Mikroelektronik Dresden AG SAP5SD-B-G1-R Datasheet HTML 11Page - Zentrum Mikroelektronik Dresden AG SAP5SD-B-G1-R Datasheet HTML 12Page - Zentrum Mikroelektronik Dresden AG SAP5SD-B-G1-R Datasheet HTML 13Page - Zentrum Mikroelektronik Dresden AG SAP5SD-B-G1-R Datasheet HTML 14Page - Zentrum Mikroelektronik Dresden AG SAP5SD-B-G1-R Datasheet HTML 15Page - Zentrum Mikroelektronik Dresden AG SAP5SD-B-G1-R Datasheet HTML 16Page - Zentrum Mikroelektronik Dresden AG SAP5SD-B-G1-R Datasheet HTML 17Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 62 page
background image
SAP5S / SAP51
Universal Actuator-Sensor Interface IC
Data Sheet
July 17, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 3.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
13 of 62
DSTBn
LED1
OSC2
OSC1
P1
P0
D1
D0
P2
P3
D2
D3
PSTBn
LED2
PFAULT
UOUT
U5R
LTGN
CDC
LTGP
SAP5
Pin 1
Figure 1 SAP5 Package Pin Assignment for the 20 pin version
DSTBn
LED1
OSC2
OSC1
D1
D0
D2
D3
PSTBn
LED2
PFAULT
UOUT
U5R
LTGN
CDC
LTGP
SAP5
Pin1
Figure 2 SAP5 Package Pin Assignment for the 16 pin version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com