Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAP5SD-B-G1-R Datasheet(PDF) 22 Page - Zentrum Mikroelektronik Dresden AG

Part # SAP5SD-B-G1-R
Description  Universal Actuator-Sensor Interface IC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

SAP5SD-B-G1-R Datasheet(HTML) 22 Page - Zentrum Mikroelektronik Dresden AG

Back Button SAP5SD-B-G1-R Datasheet HTML 18Page - Zentrum Mikroelektronik Dresden AG SAP5SD-B-G1-R Datasheet HTML 19Page - Zentrum Mikroelektronik Dresden AG SAP5SD-B-G1-R Datasheet HTML 20Page - Zentrum Mikroelektronik Dresden AG SAP5SD-B-G1-R Datasheet HTML 21Page - Zentrum Mikroelektronik Dresden AG SAP5SD-B-G1-R Datasheet HTML 22Page - Zentrum Mikroelektronik Dresden AG SAP5SD-B-G1-R Datasheet HTML 23Page - Zentrum Mikroelektronik Dresden AG SAP5SD-B-G1-R Datasheet HTML 24Page - Zentrum Mikroelektronik Dresden AG SAP5SD-B-G1-R Datasheet HTML 25Page - Zentrum Mikroelektronik Dresden AG SAP5SD-B-G1-R Datasheet HTML 26Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 62 page
background image
SAP5S / SAP51
Universal Actuator-Sensor Interface IC
Data Sheet
July 17, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 3.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
22 of 62
3
E²PROM
3.1. Overview
The SAP5 provides an on-chip E²PROM with typical write and read times according to Table 8.
Table 8: E²PROM Read and Write Times
Symbol
Parameter
Min
Max.
Unit
Note
tread_init
Initialization readout time
50.0
s
1
twrt_adra1
Write time after ADRA master request
38.0
ms
2
twrt_adra2
Write time after ADRA master request
12.5
ms
3
twrt_wid1u
Write time after WID1 master request
(user access)
38.0
ms
2
twrt_wid1m
Write time after WID1 master request
(manufacturer access)
25.0
ms
3
twrt_prgm
Single cell write time
12.5
ms
4
1 Time includes readout of the configuration block. Running in Safety Mode, the User/Firmware Area and the
Safety Area will be read out in parallel.
2 the Lock_EE_PRG flag is set
3 the Lock_EE_PRG flag is not yet set
4 concerns the programming of data in both Firmware Area and Safety Area
For security reasons the memory area is structured in three independent data blocks and a single
configuration block containing the Security_Flag. The data blocks are named User Area, Firmware Area and
Safety Area.
The Firmware Area contains all manufacturing related configuration data (i.e. selection of optional features,
ID codes, …). It can be protected against undesired data modification by setting the Lock_EE_PRG flag to ‘1’.
The User Area contains only such data that is relevant for changes at the final application (i.e. field installation
of slave module). Because the environment where modifications of the user data may become necessary can
sometimes be rough and unpredictable, additional security was added to the programming of the User Area,
ensuring a write access cannot result in an undetected corruption of E²PROM data.
The Safety Area contains the cryptographic code table for the Safety Mode.
The E²PROM cells in User Area, Firmware Area and Safety Area have a word width of 6 bit. The sixth bit is
not shown in Table 9 and Table 11. The sixth bit of each cell represents the odd parity of the respective data
word, providing an additional data security mechanism. The programming of the parity bit is performed
automatically during the E²PROM write process and cannot be influenced by the user. Each E²PROM read
process – particularly during initialization of the SAP5 – involves an evaluation of the parity bits. In case a
wrong parity bit was found in the User Area, the entire User Area data is treated as corrupted. The IC returns
to Slave Address “0” and the ID_Code as well as the IO_Code are set to 0xF. In case a false parity bit was
found in one or more cells of the Firmware Area or the Safety Area, the status register bit S1 will be set (=’1’),
signaling the same state as the input PFAULT would be set (refer to chapter 4.16 page 46).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com