Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAP5SD-B-G1-R Datasheet(PDF) 30 Page - Zentrum Mikroelektronik Dresden AG

Part # SAP5SD-B-G1-R
Description  Universal Actuator-Sensor Interface IC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

SAP5SD-B-G1-R Datasheet(HTML) 30 Page - Zentrum Mikroelektronik Dresden AG

Back Button SAP5SD-B-G1-R Datasheet HTML 26Page - Zentrum Mikroelektronik Dresden AG SAP5SD-B-G1-R Datasheet HTML 27Page - Zentrum Mikroelektronik Dresden AG SAP5SD-B-G1-R Datasheet HTML 28Page - Zentrum Mikroelektronik Dresden AG SAP5SD-B-G1-R Datasheet HTML 29Page - Zentrum Mikroelektronik Dresden AG SAP5SD-B-G1-R Datasheet HTML 30Page - Zentrum Mikroelektronik Dresden AG SAP5SD-B-G1-R Datasheet HTML 31Page - Zentrum Mikroelektronik Dresden AG SAP5SD-B-G1-R Datasheet HTML 32Page - Zentrum Mikroelektronik Dresden AG SAP5SD-B-G1-R Datasheet HTML 33Page - Zentrum Mikroelektronik Dresden AG SAP5SD-B-G1-R Datasheet HTML 34Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 62 page
background image
SAP5S / SAP51
Universal Actuator-Sensor Interface IC
Data Sheet
July 17, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 3.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
30 of 62
4.3. DC Characteristics – Digital Inputs
The following pins contain digital high voltage input stages:
-
Input-only pin:
PFAULT
-
I/O pins:
P1, P3, D1, D3, DSTBn, PSTBn
1, LED1 1
-
3-level I/O pins:
P0, P2, D0, D2
3
Table 16: DC Characteristics of digital high voltage input pins
Symbol Parameter
Min
Max
Unit
Note
VOFL
Voltage range for input ”offset_low” level
0
1.0
V
3,4
VOFH
Voltage range for input ”offset_high” level
1.6
VUOUT
V
3,4
VIL2
Voltage range for input ”low” level
0
2.5
V
4
VIH
Voltage range for input ”high” level
3.5
VUOUT
V
IIL
Current range for input ”low” level
-12
-3
µA
VIN = 1V
2
IIH
Current range for input ”high” level
-10
10
µA
V0  VU5R
CDL
Capacitance at pin DSTBn
10
pF
5
1 PSTBn and LED1 are inputs for test purposes only.
2 The pull-up current is driven by a current source connected to U5R. It stays almost constant for input
voltages ranging from 0 to 3.8V.
3 Pins P0, P2, D0 and D2 are used as 3-level inputs - i.e. inputs with offset detection - in Safety Mode only,
configuration beyond depends on the slave profile (refer to Table 26 on page 40)
4 The 3-level input pads contain independent comparators for the detection of regular input data level and
offset. Refer to Figure 12 on page 50 for constraints to the externally applied voltages in Safety Mode.
5 The internal pull-up current is sufficient to avoid accidental triggering of an IC reset if the DSTBn pin remains
unconnected. For external loads at DSTBn a sufficient pull up resistor is required to ensure VIH  3.5V in less
than 90ms after the beginning of a DSTBn = Low pulse.
4.4. DC Characteristics – Digital Outputs
The following pins contain digital high voltage open drain output stages:
-
Output-only pin:
LED2
-
I/O pins:
D0 … D3, P0 … P3, DSTBn, PSTBn
1, LED11
Table 17: DC Characteristics of digital high voltage output pins
Symbol Parameter
Min
Max.
Unit
Note
VOL1
Voltage range for output ”low” level
0
1
V
IOL1 = 10mA
VOL2
Voltage range for output ”low” level
0
0.4
V
IOL2 = 2mA
IOH
Output leakage current
-10
10
µA
V0H  VU5R
1 PSTBn and LED1 are inputs for test purposes only.
A slew rate limitation is provided to each digital high voltage output driver which limits the rise and fall times
for both High/Low and Low/High transitions to 40…50ns.
NOTE: The rise time for a Low/High transition is mainly influenced by the external pull-up resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com