Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1804738 Datasheet (PDF) - PHOENIX CONTACT

1804738 Datasheet PDF - PHOENIX CONTACT
Part # 1804738
Download  1804738 Download
File Size   213.07 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MCDN 1,5/ 5-G1-3,5 RNCP26AUTHR - PCB header

1804738 Datasheet (PDF)

Go To PDF Page Download Datasheet
1804738 Datasheet PDF - PHOENIX CONTACT

Part # 1804738
Download  1804738 Click to download

File Size   213.07 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MCDN 1,5/ 5-G1-3,5 RNCP26AUTHR - PCB header

1804738 Datasheet (HTML) - PHOENIX CONTACT


1804738 Product details

PCB headers, nominal cross section: 1.5 mm2, color: black, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Au, contact connection type: Pin, number of potentials: 10, number
of rows: 2, number of positions: 5, number of connections: 10, product range: MCDN 1,5/..-G1-
RN-THR, pitch: 3.5 mm, mounting: THR soldering / wave soldering, pin layout: Linear pinning,
solder pin [P]: 2.6 mm, number of solder pins per potential: 1, plug-in system: COMBICON FMC
1,5 - MCDN 1,5, Pin connector pattern alignment: Standard, locking: Snap-in locking, mounting
method: Engagement nose, type of packaging: packed in cardboard




Similar Part No. - 1804738

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1804730000 WEIDMULLER-1804730000 Datasheet
332Kb / 5P
SL-SMT 3.50/05/180LF 1.5SN BK BX
logo
PHOENIX CONTACT
1804739 PHOENIX-1804739 Datasheet
176Kb / 11P
Feed-through header - PCV 4/ 7-G-7,62
09/12/2020
More results


Similar Description - 1804738

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1953745 PHOENIX-1953745 Datasheet
132Kb / 7P
Feed-through header - MCDN 1,5/ 5-G1-3,5 P26THR
1953949 PHOENIX-1953949 Datasheet
136Kb / 7P
Feed-through header - MCDN 1,5/ 5-G1-3,5 P14THR
1953554 PHOENIX-1953554 Datasheet
132Kb / 7P
Feed-through header - MCDN 1,5/ 5-G1-3,5 RNP26THR
09/12/2020
1954074 PHOENIX-1954074 Datasheet
504Kb / 12P
MCDN 1,5/16-G1-3,5 P14THR - PCB header
1749557 PHOENIX-1749557 Datasheet
494Kb / 12P
MCDN 1,5/ 5-G1-3,81 P26THR - PCB header
1953282 PHOENIX-1953282 Datasheet
485Kb / 11P
MCDN 1,5/10-G1-3,5 RNP14THR - PCB header
1953237 PHOENIX-1953237 Datasheet
485Kb / 11P
MCDN 1,5/ 5-G1-3,5 RNP14THR - PCB header
1953677 PHOENIX-1953677 Datasheet
402Kb / 10P
MCDN 1,5/17-G1-3,5 RNP26THR - PCB header
1953978 PHOENIX-1953978 Datasheet
492Kb / 12P
MCDN 1,5/ 8-G1-3,5 P14THR - PCB header
1953680 PHOENIX-1953680 Datasheet
403Kb / 10P
MCDN 1,5/18-G1-3,5 RNP26THR - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com