Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1810641 Datasheet (PDF) - PHOENIX CONTACT

1810641 Datasheet PDF - PHOENIX CONTACT
Part # 1810641
Download  1810641 Download
File Size   568.09 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description TMSTBP 2,5/ 4-ST-5,08BDMCCOM Q - PCB connector

1810641 Datasheet (PDF)

Go To PDF Page Download Datasheet
1810641 Datasheet PDF - PHOENIX CONTACT

Part # 1810641
Download  1810641 Click to download

File Size   568.09 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description TMSTBP 2,5/ 4-ST-5,08BDMCCOM Q - PCB connector

1810641 Datasheet (HTML) - PHOENIX CONTACT


1810641 Product details

PCB TWIN plug, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Sn, contact connection type: Socket, number of potentials:
4, number of rows: 1, number of positions: 4, number of connections: 8, product range: TMSTBP
2,5/..-ST, pitch: 5.08 mm, connection method: Screw connection with tension sleeve, screw head
form: L Slotted, conductor/PCB connection direction: 0 °, locking clip: - Locking clip, plug-in
system: COMBICON MSTB 2,5, locking: without, mounting method: without, type of packaging:
packed in cardboard




Similar Part No. - 1810641

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
18106 CANDD-18106 Datasheet
54Kb / 2P
Axial Lead Inductors
logo
Aries Electronics, Inc.
18106 ARIES-18106 Datasheet
1Mb / 1P
BGA Switch-A-Pitch Adapters
logo
Atom Lighting
18106 ATOM-18106 Datasheet
436Kb / 2P
AT9814
31st of January 2025 05:38:53
logo
PHOENIX CONTACT
1810667 PHOENIX-1810667 Datasheet
1Mb / 18P
MSTB 2,5/10-ST 4CP BDMC:DSQ - PCB connector
logo
Murata Manufacturing Co...
18106C MURATA-18106C Datasheet
94Kb / 2P
Axial Lead Inductors
More results


Similar Description - 1810641

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1853023 PHOENIX-1853023 Datasheet
156Kb / 11P
Printed-circuit board connector - TMSTBP 2,5/ 3-ST-5,08
1853036 PHOENIX-1853036 Datasheet
151Kb / 12P
Printed-circuit board connector - TMSTBP 2,5/ 4-ST-5,08
1702194 PHOENIX-1702194 Datasheet
45Kb / 3P
Plug - TMSTBP 2,5/ 2-ST-5,08 BK
1853191 PHOENIX-1853191 Datasheet
120Kb / 3P
TMSTBP 2,5/ 5-ST-5,08 ABGY AU
1877973 PHOENIX-1877973 Datasheet
120Kb / 3P
TMSTBP 2,5/ 5-ST-5,08 AU
1879900 PHOENIX-1879900 Datasheet
61Kb / 5P
Printed-circuit board connector - TMSTBP 2,5/ 4-ST-5,08GYNZX100
1719024 PHOENIX-1719024 Datasheet
790Kb / 18P
PCB connector - TVMSTB 2,5/ 4-ST-5,08
Jan 3, 2023
1939659 PHOENIX-1939659 Datasheet
577Kb / 14P
PCB connector - GFKC 2,5/ 4-ST-7,62
Jan 4, 2023
1737725 PHOENIX-1737725 Datasheet
435Kb / 15P
GMVSTBR 2,5/ 4-ST - PCB connector
1737835 PHOENIX-1737835 Datasheet
361Kb / 15P
GMVSTBW 2,5/ 4-ST - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com