Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1810667 Datasheet (PDF) - PHOENIX CONTACT

1810667 Datasheet PDF - PHOENIX CONTACT
Part # 1810667
Download  1810667 Download
File Size   1769.06 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTB 2,5/10-ST 4CP BDMC:DSQ - PCB connector

1810667 Datasheet (PDF)

Go To PDF Page Download Datasheet
1810667 Datasheet PDF - PHOENIX CONTACT

Part # 1810667
Download  1810667 Click to download

File Size   1769.06 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTB 2,5/10-ST 4CP BDMC:DSQ - PCB connector

1810667 Datasheet (HTML) - PHOENIX CONTACT


1810667 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Sn, contact connection type: Socket, number of potentials:
10, number of rows: 1, number of positions: 10, number of connections: 10, product range:
MSTB 2,5/..-ST, pitch: 5 mm, connection method: Screw connection with tension sleeve, screw
head form: L Slotted, conductor/PCB connection direction: 0 °, locking clip: - Locking clip, plug-in
system: COMBICON MSTB 2,5, locking: without, mounting method: without, type of packaging:
packed in cardboard




Similar Part No. - 1810667

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
18106 CANDD-18106 Datasheet
54Kb / 2P
Axial Lead Inductors
logo
Aries Electronics, Inc.
18106 ARIES-18106 Datasheet
1Mb / 1P
BGA Switch-A-Pitch Adapters
logo
Atom Lighting
18106 ATOM-18106 Datasheet
436Kb / 2P
AT9814
31st of January 2025 05:38:53
logo
PHOENIX CONTACT
1810641 PHOENIX-1810641 Datasheet
568Kb / 11P
TMSTBP 2,5/ 4-ST-5,08BDMCCOM Q - PCB connector
logo
Murata Manufacturing Co...
18106C MURATA-18106C Datasheet
94Kb / 2P
Axial Lead Inductors
More results


Similar Description - 1810667

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1754601 PHOENIX-1754601 Datasheet
142Kb / 6P
MSTB 2,5/10-ST
1765250 PHOENIX-1765250 Datasheet
99Kb / 3P
MSTB 2,5/10-ST BD: 1-10
1752865 PHOENIX-1752865 Datasheet
91Kb / 4P
Plug - MSTB 2,5/10-ST-5,08 AU
1756418 PHOENIX-1756418 Datasheet
96Kb / 2P
MSTB 2,5/10-ST BK
1758694 PHOENIX-1758694 Datasheet
102Kb / 3P
MSTB 2,5/10-ST-5,08 BK
1832645 PHOENIX-1832645 Datasheet
92Kb / 4P
MSTB 2,5/10-ST-5,08 BD:NZSO
11/04/2018
1161197 PHOENIX-1161197 Datasheet
2Mb / 30P
PCB connector - MSTB 2,5/ 3-ST-5,08 BUBDWH:-S
Jul 20, 2022
1754821 PHOENIX-1754821 Datasheet
1Mb / 22P
PCB connector - MSTB 2,5/21-ST
Nov 30, 2022
1732823 PHOENIX-1732823 Datasheet
1Mb / 26P
PCB connector - FKCN 2,5/10-ST
1754847 PHOENIX-1754847 Datasheet
1Mb / 21P
PCB connector - MSTB 2,5/22-ST
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com