Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH2R02-Y Datasheet (PDF) - STMicroelectronics

STTH2R02-Y Datasheet PDF - STMicroelectronics
Part # STTH2R02-Y
Download  STTH2R02-Y Download
File Size   193.9 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 200 V, 2 A ultrafast recovery diode

STTH2R02-Y Datasheet (PDF)

Go To PDF Page Download Datasheet
STTH2R02-Y Datasheet PDF - STMicroelectronics

Part # STTH2R02-Y
Download  STTH2R02-Y Click to download

File Size   193.9 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 200 V, 2 A ultrafast recovery diode

STTH2R02-Y Datasheet (HTML) - STMicroelectronics


STTH2R02-Y Product details

Features
• AEC-Q101 qualified
• Very low conduction losses
• Negligible switching losses
• Low forward and reverse recovery times
• High junction temperature
• PPAP capable
• ECOPACK2 compliant




Similar Part No. - STTH2R02-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH2R02-Y STMICROELECTRONICS-STTH2R02-Y Datasheet
96Kb / 8P
Automotive ultrafast recovery diode
20-Oct-2010
STTH2R02-Y STMICROELECTRONICS-STTH2R02-Y Datasheet
95Kb / 8P
Automotive ultrafast recovery diode
20-Oct-2010
More results


Similar Description - STTH2R02-Y

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFA200FA120P VISHAY-HFA200FA120P Datasheet
129Kb / 8P
HEXFRED Ultrafast Soft Recovery Diode, 200 A
22-Jul-10
logo
STMicroelectronics
STTH602C-Y STMICROELECTRONICS-STTH602C-Y Datasheet
99Kb / 7P
Automotive ultrafast recovery diode
24-Oct-2012
STTH802-Y STMICROELECTRONICS-STTH802-Y Datasheet
105Kb / 7P
Automotive ultrafast recovery diode
24-Oct-2012
logo
Nell Semiconductor Co.,...
NKFD200-60 NELLSEMI-NKFD200-60 Datasheet
424Kb / 7P
FRED Ultrafast Soft Recovery Diode Module, 200 A
logo
Fairchild Semiconductor
FFPF10UP20STU FAIRCHILD-FFPF10UP20STU Datasheet
208Kb / 5P
10 A, 200 V, Ultrafast Diode
logo
STMicroelectronics
STTH2R02UY STMICROELECTRONICS-STTH2R02UY Datasheet
95Kb / 8P
Automotive ultrafast recovery diode
20-Oct-2010
STTH2R02AY STMICROELECTRONICS-STTH2R02AY Datasheet
177Kb / 9P
Automotive 200 V, 2 A ultrafast diode
Rev 1 - February 2021
logo
Vishay Siliconix
HFA200FA120P VISHAY-HFA200FA120P_V01 Datasheet
111Kb / 8P
HEXFRED® Ultrafast Soft Recovery Diode, 200 A
22-Jul-10
logo
STMicroelectronics
STTH802SFY STMICROELECTRONICS-STTH802SFY Datasheet
497Kb / 13P
Automotive 200 V ultrafast recovery diode
July 2018 Rev 1
STTH802SF STMICROELECTRONICS-STTH802SF Datasheet
341Kb / 10P
200 V ultrafast recovery diode
DS12649 - Rev 2 - July 2018
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com