Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH802SFY Datasheet (PDF) - STMicroelectronics

STTH802SFY Datasheet PDF - STMicroelectronics
Part # STTH802SFY
Download  STTH802SFY Download
File Size   497.95 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 200 V ultrafast recovery diode

STTH802SFY Datasheet (PDF)

Go To PDF Page Download Datasheet
STTH802SFY Datasheet PDF - STMicroelectronics

Part # STTH802SFY
Download  STTH802SFY Click to download

File Size   497.95 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 200 V ultrafast recovery diode

STTH802SFY Datasheet (HTML) - STMicroelectronics


STTH802SFY Product details

Features
• AEC-Q101 qualified
• Very low conduction losses
• Negligible switching losses
• 175 °C maximum junction temperature
• VRRM guaranteed from -40 °C to 175 °C
• Wettable flanks for automatic visual inspection
• PPAP capable
• ECOPACK® 2 compliant component

Description
The STTH802SFY ultrafast recovery diode has been designed for automotive
applications.
Packaged in PSMC (TO-277A), this device provides a high level of performance in a
compact and flat package which can withstand high operating junction temperature.

Application
• DC/DC converters
• Reverse polarity protection
• Snubber
• Boost function
• Freewheeling diode




Similar Part No. - STTH802SFY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH802SF STMICROELECTRONICS-STTH802SF Datasheet
341Kb / 10P
200 V ultrafast recovery diode
DS12649 - Rev 2 - July 2018
More results


Similar Description - STTH802SFY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFA200FA120P VISHAY-HFA200FA120P Datasheet
129Kb / 8P
HEXFRED Ultrafast Soft Recovery Diode, 200 A
22-Jul-10
logo
STMicroelectronics
STTH2R02-Y STMICROELECTRONICS-STTH2R02-Y Datasheet
96Kb / 8P
Automotive ultrafast recovery diode
20-Oct-2010
STTH4R02-Y STMICROELECTRONICS-STTH4R02-Y Datasheet
109Kb / 9P
Automotive ultrafast recovery diode
03-Dec-2010
STTH602C-Y STMICROELECTRONICS-STTH602C-Y Datasheet
99Kb / 7P
Automotive ultrafast recovery diode
24-Oct-2012
STTH802-Y STMICROELECTRONICS-STTH802-Y Datasheet
105Kb / 7P
Automotive ultrafast recovery diode
24-Oct-2012
STTH4R02UY STMICROELECTRONICS-STTH4R02UY Datasheet
114Kb / 9P
Automotive ultrafast recovery diode
03-Dec-2010
STTH2R02UY STMICROELECTRONICS-STTH2R02UY Datasheet
95Kb / 8P
Automotive ultrafast recovery diode
20-Oct-2010
STTH1R04-Y STMICROELECTRONICS-STTH1R04-Y Datasheet
163Kb / 10P
Automotive ultrafast recovery diode
09-Jul-2013
STTH2R02AY STMICROELECTRONICS-STTH2R02AY Datasheet
177Kb / 9P
Automotive 200 V, 2 A ultrafast diode
Rev 1 - February 2021
STTH802SF STMICROELECTRONICS-STTH802SF Datasheet
341Kb / 10P
200 V ultrafast recovery diode
DS12649 - Rev 2 - July 2018
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com