Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH802SFY Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH802SFY
Description  Automotive 200 V ultrafast recovery diode
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH802SFY Datasheet(HTML) 1 Page - STMicroelectronics

  STTH802SFY Datasheet HTML 1Page - STMicroelectronics STTH802SFY Datasheet HTML 2Page - STMicroelectronics STTH802SFY Datasheet HTML 3Page - STMicroelectronics STTH802SFY Datasheet HTML 4Page - STMicroelectronics STTH802SFY Datasheet HTML 5Page - STMicroelectronics STTH802SFY Datasheet HTML 6Page - STMicroelectronics STTH802SFY Datasheet HTML 7Page - STMicroelectronics STTH802SFY Datasheet HTML 8Page - STMicroelectronics STTH802SFY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Features
AEC-Q101 qualified
Very low conduction losses
Negligible switching losses
175 °C maximum junction temperature
VRRM guaranteed from -40 °C to 175 °C
Wettable flanks for automatic visual inspection
PPAP capable
ECOPACK®2 compliant component
Application
DC/DC converters
Reverse polarity protection
Snubber
Boost function
Freewheeling diode
Description
The STTH802SFY ultrafast recovery diode has been designed for automotive
applications.
Packaged in PSMC (TO-277A), this device provides a high level of performance in a
compact and flat package which can withstand high operating junction temperature.
Product status link
STTH802SFY
Product summary
Symbol
Value
IF(AV)
8 A
VRRM
200 V
Tj (max.)
175 °C
VF (typ.)
0.79 V
trr (typ.)
17 ns
Automotive 200 V ultrafast recovery diode
STTH802SFY
Datasheet
DS12467 - Rev 1 - July 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STTH802SFY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH802SF STMICROELECTRONICS-STTH802SF Datasheet
341Kb / 10P
200 V ultrafast recovery diode
DS12649 - Rev 2 - July 2018
More results

Similar Description - STTH802SFY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFA200FA120P VISHAY-HFA200FA120P Datasheet
129Kb / 8P
HEXFRED Ultrafast Soft Recovery Diode, 200 A
22-Jul-10
logo
STMicroelectronics
STTH2R02-Y STMICROELECTRONICS-STTH2R02-Y Datasheet
96Kb / 8P
Automotive ultrafast recovery diode
20-Oct-2010
STTH4R02-Y STMICROELECTRONICS-STTH4R02-Y Datasheet
109Kb / 9P
Automotive ultrafast recovery diode
03-Dec-2010
STTH602C-Y STMICROELECTRONICS-STTH602C-Y Datasheet
99Kb / 7P
Automotive ultrafast recovery diode
24-Oct-2012
STTH802-Y STMICROELECTRONICS-STTH802-Y Datasheet
105Kb / 7P
Automotive ultrafast recovery diode
24-Oct-2012
STTH4R02UY STMICROELECTRONICS-STTH4R02UY Datasheet
114Kb / 9P
Automotive ultrafast recovery diode
03-Dec-2010
STTH2R02UY STMICROELECTRONICS-STTH2R02UY Datasheet
95Kb / 8P
Automotive ultrafast recovery diode
20-Oct-2010
STTH1R04-Y STMICROELECTRONICS-STTH1R04-Y Datasheet
163Kb / 10P
Automotive ultrafast recovery diode
09-Jul-2013
STTH2R02AY STMICROELECTRONICS-STTH2R02AY Datasheet
177Kb / 9P
Automotive 200 V, 2 A ultrafast diode
Rev 1 - February 2021
STTH802SF STMICROELECTRONICS-STTH802SF Datasheet
341Kb / 10P
200 V ultrafast recovery diode
DS12649 - Rev 2 - July 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com