Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH802SFY Datasheet(PDF) 5 Page - STMicroelectronics

Part # STTH802SFY
Description  Automotive 200 V ultrafast recovery diode
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH802SFY Datasheet(HTML) 5 Page - STMicroelectronics

  STTH802SFY Datasheet HTML 1Page - STMicroelectronics STTH802SFY Datasheet HTML 2Page - STMicroelectronics STTH802SFY Datasheet HTML 3Page - STMicroelectronics STTH802SFY Datasheet HTML 4Page - STMicroelectronics STTH802SFY Datasheet HTML 5Page - STMicroelectronics STTH802SFY Datasheet HTML 6Page - STMicroelectronics STTH802SFY Datasheet HTML 7Page - STMicroelectronics STTH802SFY Datasheet HTML 8Page - STMicroelectronics STTH802SFY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Figure 5. Peak reverse recovery current versus dIF/dt
(typical values)
0
2
4
6
8
10
12
0
100
200
300
400
500
dIF/dt(A/µs)
IRM(A)
IF = IF(AV)
VR = 160 V
Tj = 125 °C
Figure 6. Reverse recovery time versus dIF/dt (typical
values)
0
10
20
30
40
50
60
0
100
200
300
400
500
dIF/dt(A/µs)
tRR(ns)
IF = IF(AV)
VR = 160 V
Tj = 125 °C
Figure 7. Reverse recovery charges versus dIF/dt (typical
values)
0
20
40
60
80
100
120
140
160
180
0
100
200
300
400
500
dIF/dt(A/µs)
QRR(nC)
IF = IF(AV)
VR = 160 V
Tj = 125 °C
Figure 8. Reverse recovery softness factor versus dIF/dt
(typical values)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0
100
200
300
400
500
dIF/dt(A/µs)
SFACTOR
IF = IF(AV)
VR = 160 V
Tj = 125 °C
Figure 9. Relative variations of dynamic parameters
versus junction temperature
0.0
0.4
0.8
1.2
1.6
2.0
25
50
75
100
125
Tj(°C)
IRM
SFACTOR
IF = IF(AV)
VR = 160 V
Reference: Tj = 125 °C
QRR
Figure 10. Junction capacitance versus reverse voltage
applied (typical values)
10
100
1000
1
10
100
1000
VR(V)
C(pF)
F = 1 MHz
VOSC = 30 mVRMS
Tj = 25 °C
STTH802SFY
Characteristics (curves)
DS12467 - Rev 1
page 5/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com