Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH802SFY Datasheet(PDF) 10 Page - STMicroelectronics

Part # STTH802SFY
Description  Automotive 200 V ultrafast recovery diode
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH802SFY Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STTH802SFY Datasheet HTML 5Page - STMicroelectronics STTH802SFY Datasheet HTML 6Page - STMicroelectronics STTH802SFY Datasheet HTML 7Page - STMicroelectronics STTH802SFY Datasheet HTML 8Page - STMicroelectronics STTH802SFY Datasheet HTML 9Page - STMicroelectronics STTH802SFY Datasheet HTML 10Page - STMicroelectronics STTH802SFY Datasheet HTML 11Page - STMicroelectronics STTH802SFY Datasheet HTML 12Page - STMicroelectronics STTH802SFY Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Figure 19. Tape outline
Table 6. Tape dimension values
Ref.
Dimensions
Millimeters
Min.
Typ.
Max.
D0
1.5
1.55
1.6
D1
1.5
F
5.45
5.5
5.55
K0
1.3
1.4
1.5
P0
3.9
4.0
4.1
P1
7.9
8.0
8.1
P2
1.95
2.0
2.05
W
11.7
12
12.3
STTH802SFY
PSMC (TO-277A) package information
DS12467 - Rev 1
page 10/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com