Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV752 Datasheet (PDF) - Texas Instruments

TLV752 Datasheet PDF - Texas Instruments
Part # TLV752
Download  TLV752 Download
File Size   2115.13 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV752 Dual, 1-A, High-Accuracy, Adjustable-LDO in a Small-Size Package

TLV752 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV752 Datasheet PDF - Texas Instruments

Part # TLV752
Download  TLV752 Click to download

File Size   2115.13 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV752 Dual, 1-A, High-Accuracy, Adjustable-LDO in a Small-Size Package

TLV752 Datasheet (HTML) - Texas Instruments


TLV752 Product details

1 Features
1• Input voltage range: 1.5 V to 6.0 V
• Adjustable output voltage:
– 0.55 V to 5.5 V
• Very low dropout:
– 225 mV (max) at 1 A (3.3 VOUT)
• High output accuracy:
– 1.5%, maximum over temperature
• IQ: 25 μA (typical)
• Built-in soft-start with monotonic VOUT rise
• Package:
– 2-mm × 2-mm 10-Pin WSON (DSQ)
• Active output discharge

2 Applications
• Microservers and tower servers
• Door and window sensors
• Portable point-of-sale (EPOS)
• Wearable fitness and activity monitors
• Scanners
• Wi-Fi access points
• Communication modules

3 Description
The TLV752 is a dual, adjustable, 1-A low-dropout
(LDO) regulator. This device is available in a small,
10-pin, 2-mm × 2-mm WSON package and consumes
25-μA quiescent current while providing fast line and
load transient response. The TLV752 features a low
dropout of 225 mV that can help improve the overall
power efficiency.
The TLV752 wide input-and-output voltage ranges,
when combined with its output current capability in a
small printed circuit board (PCB) footprint help
support a wide variety of applications from sensor
supplies, to auxiliary rails, and modern
microcontrollers with lower core voltages.
The TLV752 is stable with small ceramic output
capacitors, allowing for a small overall solution size.
A precision band-gap and error amplifier provides
high accuracy of 1.5% (max) over temperature. This
device includes integrated thermal shutdown, current
limit, active output-discharge, and undervoltage
lockout (UVLO) features. The TLV752 has an internal
fold-back current-limit to reduce thermal dissipation
during short-circuit events.




Similar Part No. - TLV752

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV752 TI1-TLV752 Datasheet
1Mb / 29P
TLV752 Dual, 1-A, High-Accuracy, Adjustable-LDO in a Small-Size Package
TLV75201PDSQR TI1-TLV75201PDSQR Datasheet
1Mb / 29P
TLV752 Dual, 1-A, High-Accuracy, Adjustable-LDO in a Small-Size Package
TLV75201PDSQT TI1-TLV75201PDSQT Datasheet
1Mb / 29P
TLV752 Dual, 1-A, High-Accuracy, Adjustable-LDO in a Small-Size Package
logo
Advanced Crystal Techno...
TLV752600FBBNKXXHC-PF ACT-TLV752600FBBNKXXHC-PF Datasheet
866Kb / 3P
TCXO/VC‐TCXO, 7.0 x 5.0mm, LVDS output
25042016
TLV752600FBBNKXXHE-PF ACT-TLV752600FBBNKXXHE-PF Datasheet
866Kb / 3P
TCXO/VC‐TCXO, 7.0 x 5.0mm, LVDS output
25042016
More results


Similar Description - TLV752

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP38852-ADJ TI1-LP38852-ADJ Datasheet
1Mb / 31P
1.5-A Fast-Response High-Accuracy Adjustable LDO Linear Regulator
LP38853 TI1-LP38853_15 Datasheet
1Mb / 30P
3-A Fast-Response High-Accuracy Adjustable LDO Linear Regulator
LP38852-ADJ TI1-LP38852-ADJ_16 Datasheet
1Mb / 33P
1.5-A Fast-Response High-Accuracy Adjustable LDO Linear Regulator
TLV759P TI1-TLV759P Datasheet
749Kb / 16P
1-A LDO in a Small 2-mm x 2-mm WSON Package
TLV759P TI1-TLV759P_18 Datasheet
1Mb / 22P
1-A LDO in a Small 2-mm 횞 2-mm WSON Package
TLV758P TI1-TLV758P_19 Datasheet
2Mb / 32P
500-mA, high-accuracy, adjustable LDO in a small size package
TLV758P_1903 TI1-TLV758P_1903 Datasheet
3Mb / 35P
500-mA, high-accuracy, adjustable LDO in a small size package
TLV751 TI1-TLV751 Datasheet
2Mb / 29P
TLV751 Dual, 500-mA, High-Accuracy, Adjustable-LDO in a Small-Size Package
TLV752 TI1-TLV752 Datasheet
1Mb / 29P
TLV752 Dual, 1-A, High-Accuracy, Adjustable-LDO in a Small-Size Package
TLV751 TI1-TLV751_V01 Datasheet
2Mb / 31P
TLV751 Dual, 500-mA, High-Accuracy, LDO in a Small-Size Package
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com