Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV752 Datasheet(PDF) 3 Page - Texas Instruments

Part # TLV752
Description  TLV752 Dual, 1-A, High-Accuracy, Adjustable-LDO in a Small-Size Package
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV752 Datasheet(HTML) 3 Page - Texas Instruments

  TLV752 Datasheet HTML 1Page - Texas Instruments TLV752 Datasheet HTML 2Page - Texas Instruments TLV752 Datasheet HTML 3Page - Texas Instruments TLV752 Datasheet HTML 4Page - Texas Instruments TLV752 Datasheet HTML 5Page - Texas Instruments TLV752 Datasheet HTML 6Page - Texas Instruments TLV752 Datasheet HTML 7Page - Texas Instruments TLV752 Datasheet HTML 8Page - Texas Instruments TLV752 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
1
FB1
2
GND
3
EN1
4
GND
5
EN2
6
IN2
7
FB2
8
OUT2
9
IN1
10
OUT1
Not to scale
Thermal
Pad
3
TLV752
www.ti.com
SBVS383A – DECEMBER 2019 – REVISED MARCH 2020
Product Folder Links: TLV752
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
5 Pin Configuration and Functions
DSQ Package
10-Pin Adjustable WSON
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
EN1
3
Input
Enable pin. Drive EN1 greater than VEN1(HI) to turn on the regulator.
Drive EN1 less than VEN1(LO) to put the low-dropout (LDO) regulator into shutdown mode.
EN2
5
Input
Enable pin. Drive EN2 greater than VEN1(HI) to turn on the regulator.
Drive EN2 less than VEN2(LO) to put the LDO into shutdown mode.
FB1
1
This pin is used as an input to the control loop error amplifier and is used to set the
output voltage of the LDO.
FB2
7
This pin is used as an input to the control loop error amplifier and is used to set the
output voltage of the LDO.
GND
2, 4
Ground pin
IN1
9
Input
Input pin. For best transient response and to minimize input impedance, use the
recommended value or larger ceramic capacitor from IN to ground; see the
Recommended Operating Conditions table and the Input and Output Capacitor Selection
section. Place the input capacitor as close to the output of the device as possible.
IN2
6
Input
Input pin. For best transient response and to minimize input impedance, use the
recommended value or larger ceramic capacitor from IN to ground; see the
Recommended Operating Conditions table and the Input and Output Capacitor Selection
section. Place the input capacitor as close to the output of the device as possible.
OUT1
10
Output
Regulated output voltage pin. A capacitor is required from OUT to ground for stability.
For best transient response, use the nominal recommended value or larger ceramic
capacitor from OUT to ground; see the Recommended Operating Conditions table and
the Input and Output Capacitor Selection section. Place the output capacitor as close to
output of the device as possible.
OUT2
8
Output
Regulated output voltage pin. A capacitor is required from OUT to ground for stability.
For best transient response, use the nominal recommended value or larger ceramic
capacitor from OUT to ground; see the Recommended Operating Conditions table and
the Input and Output Capacitor Selection section. Place the output capacitor as close to
output of the device as possible.
Thermal pad
Pad
Connect the thermal pad to a large area GND plane for improved thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com