Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV752 Datasheet(PDF) 13 Page - Texas Instruments

Part # TLV752
Description  TLV752 Dual, 1-A, High-Accuracy, Adjustable-LDO in a Small-Size Package
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV752 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV752 Datasheet HTML 9Page - Texas Instruments TLV752 Datasheet HTML 10Page - Texas Instruments TLV752 Datasheet HTML 11Page - Texas Instruments TLV752 Datasheet HTML 12Page - Texas Instruments TLV752 Datasheet HTML 13Page - Texas Instruments TLV752 Datasheet HTML 14Page - Texas Instruments TLV752 Datasheet HTML 15Page - Texas Instruments TLV752 Datasheet HTML 16Page - Texas Instruments TLV752 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
+
–
Band Gap
Thermal
Shutdown
UVLO
Logic
Current
Limit
95
IN
EN
GND
OUT
FB
13
TLV752
www.ti.com
SBVS383A – DECEMBER 2019 – REVISED MARCH 2020
Product Folder Links: TLV752
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TLV752 is a low-dropout regulator (LDO) that consumes low quiescent current and delivers excellent line
and load transient performance. These characteristics, combined with low noise and good PSRR with low
dropout voltage, make this device ideal for portable consumer applications.
This regulator offers foldback current limit, shutdown, and thermal protection. The operating junction temperature
for this device is –40°C to +125°C.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Undervoltage Lockout (UVLO)
The TLV752 uses an undervoltage lockout (UVLO) circuit that disables the output until the input voltage is
greater than the rising UVLO voltage (VUVLO). This circuit ensures that the device does not exhibit any
unpredictable behavior when the supply voltage is lower than the operational range of the internal circuitry. When
VIN is less than VUVLO, the output is connected to ground with a pulldown resistor (RPULLDOWN).
7.3.2 Shutdown
The enable pin (EN) is active high. Enable the device by forcing the EN pin to exceed VEN(HI). Turn off the device
by forcing the EN pin to drop below VEN(LO). If shutdown capability is not required, connect EN to IN.
The TLV752 has an internal pulldown MOSFET that connects an RPULLDOWN resistor to ground when the device
is disabled. The discharge time after disabling depends on the output capacitance (COUT) and the load resistance
(RL) in parallel with the pulldown resistor (RPULLDOWN). Equation 1 calculates the time constant:
τ = ( RPULLDOWN × RL) / (RPULLDOWN + RL)
(1)
7.3.3 Foldback Current Limit
The device has an internal current limit circuit that protects the regulator during transient high-load current faults
or shorting events. The current limit is a hybrid brickwall-foldback scheme. The current limit transitions from a
brickwall scheme to a foldback scheme at the foldback voltage (VFOLDBACK). In a high-load current fault with the
output voltage above VFOLDBACK, the brickwall scheme limits the output current to the current limit (ICL). When the
voltage drops below VFOLDBACK, a foldback current limit activates that scales back the current as the output
voltage approaches GND. When the output is shorted, the device supplies a typical current called the short-
circuit current limit (ISC). ICL and ISC are listed in the Electrical Characteristics table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com