Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV752 Datasheet(PDF) 16 Page - Texas Instruments

Part # TLV752
Description  TLV752 Dual, 1-A, High-Accuracy, Adjustable-LDO in a Small-Size Package
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV752 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLV752 Datasheet HTML 12Page - Texas Instruments TLV752 Datasheet HTML 13Page - Texas Instruments TLV752 Datasheet HTML 14Page - Texas Instruments TLV752 Datasheet HTML 15Page - Texas Instruments TLV752 Datasheet HTML 16Page - Texas Instruments TLV752 Datasheet HTML 17Page - Texas Instruments TLV752 Datasheet HTML 18Page - Texas Instruments TLV752 Datasheet HTML 19Page - Texas Instruments TLV752 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
IN
OUT
GND
EN
DNC
½
TLV752
V
OUT
FB
C
IN
C
OUT
V
EN
R
2
R
1
16
TLV752
SBVS383A – DECEMBER 2019 – REVISED MARCH 2020
www.ti.com
Product Folder Links: TLV752
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
8.1.1 Adjustable Device Feedback Resistors
Figure 40 shows that the output voltage of the TLV752 can be adjusted from 0.55 V to 5.5 V by using a resistor
divider network.
Figure 40. Adjustable Operation
The adjustable-version device requires external feedback divider resistors to set the output voltage. VOUT is set
using the feedback divider resistors, R1 and R2, according to the following equation:
VOUT = VFB × (1 + R1 / R2)
(2)
For this device, VFB = 0.55 V.
To ignore the FB pin current error term in the VOUT equation, set the feedback divider current to 100x the FB pin
current listed in the Electrical Characteristics table. This setting provides the maximum feedback divider series
resistance, as shown in the following equation:
R1 + R2 ≤ VOUT / (IFB × 100)
(3)
For this device, IFB = 10 nA.
8.1.2 Input and Output Capacitor Selection
The TLV752 requires an output capacitance of 0.47 μF or larger for stability. Use X5R- and X7R-type ceramic
capacitors because these capacitors have minimal variation in value and equivalent series resistance (ESR) over
temperature. When choosing a capacitor for a specific application, pay attention to the dc bias characteristics for
the capacitor. Higher output voltages cause a significant derating of the capacitor. For best performance, the
maximum recommended output capacitance is 220 µF.
Although an input capacitor is not required for stability, good analog design practice is to connect a capacitor
from IN to GND. Some input supplies have a high impedance, thus placing the input capacitor on the input
supply helps reduce the input impedance. This capacitor counteracts reactive input sources and improves
transient response, input ripple, and PSRR. If the input supply has a high impedance over a large range of
frequencies, several input capacitors can be used in parallel to lower the impedance over frequency. Use a
higher-value capacitor if large, fast, rise-time load transients are anticipated, or if the device is located several
inches from the input power source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com