Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1766802 Datasheet (PDF) - PHOENIX CONTACT

1766802 Datasheet PDF - PHOENIX CONTACT
Part # 1766802
Download  1766802 Download
File Size   208.85 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MCO 1,5/ 4-GL-3,81 GY7035 - PCB header

1766802 Datasheet (PDF)

Go To PDF Page Download Datasheet
1766802 Datasheet PDF - PHOENIX CONTACT

Part # 1766802
Download  1766802 Click to download

File Size   208.85 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MCO 1,5/ 4-GL-3,81 GY7035 - PCB header

1766802 Datasheet (HTML) - PHOENIX CONTACT


1766802 Product details

PCB headers, nominal cross section: 1.5 mm2, color: light gray, nominal current: 8 A, rated
voltage (III/2): 160 V, contact surface: Sn, contact connection type: Pin, number of potentials: 4,
number of rows: 1, number of positions: 4, number of connections: 4, product range: MCO 1,5/..-
GL, pitch: 3.81 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3 mm,
number of solder pins per potential: 1, plug-in system: COMBICON MC 1,5, Pin connector
pattern alignment: Orthogonal, locking: without, mounting method: without, type of packaging:
packed in cardboard




Similar Part No. - 1766802

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1766806 PHOENIX-1766806 Datasheet
94Kb / 6P
Base strip - GMSTBVA 2,5/ 5-G-7,62
1766806 PHOENIX-1766806 Datasheet
196Kb / 6P
GMSTB 2,5/ 5-ST-7,62
More results


Similar Description - 1766802

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1861659 PHOENIX-1861659 Datasheet
106Kb / 6P
Base strip - MCO 1,5/ 3-GR-3,81
1861662 PHOENIX-1861662 Datasheet
106Kb / 6P
Base strip - MCO 1,5/ 4-GR-3,81
1861730 PHOENIX-1861730 Datasheet
81Kb / 4P
Base strip - MCO 1,5/ 3-GL-3,81
1861769 PHOENIX-1861769 Datasheet
107Kb / 6P
Base strip - MCO 1,5/ 6-GL-3,81
2202330 PHOENIX-2202330 Datasheet
62Kb / 2P
Printed-circuit board connector - MCO-EH 1,5/5 G1L-3,5 GY7035
1827444 PHOENIX-1827444 Datasheet
369Kb / 10P
PCB header - SMC 1,5/ 4-GF-3,81
02/04/2022
1827884 PHOENIX-1827884 Datasheet
957Kb / 18P
PCB header - MC 1,5/ 4-GF-3,81
Jul 21, 2022
1830318 PHOENIX-1830318 Datasheet
782Kb / 17P
PCB header - MCDV 1,5/ 8-GF-3,81
Nov 30, 2022
1707447 PHOENIX-1707447 Datasheet
563Kb / 15P
PCB header - MCV 1,5/ 4-G-3,81 P26 THR
Jan 10, 2023
1161803 PHOENIX-1161803 Datasheet
417Kb / 9P
MCO 1,5/ 5-G1R-3,5 BU - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com