Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1783627 Datasheet (PDF) - PHOENIX CONTACT

1783627 Datasheet PDF - PHOENIX CONTACT
Part # 1783627
Download  1783627 Download
File Size   1367.33 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTB 2,5/ 5-G-5,08 GY - PCB header

1783627 Datasheet (PDF)

Go To PDF Page Download Datasheet
1783627 Datasheet PDF - PHOENIX CONTACT

Part # 1783627
Download  1783627 Click to download

File Size   1367.33 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTB 2,5/ 5-G-5,08 GY - PCB header

1783627 Datasheet (HTML) - PHOENIX CONTACT


1783627 Product details

PCB headers, nominal cross section: 2.5 mm2, color: gray, nominal current: 12 A, rated voltage
(III/2): 320 V, contact surface: Sn, contact connection type: Pin, number of potentials: 5, number
of rows: 1, number of positions: 5, number of connections: 5, product range: MSTB 2,5/..-G,
pitch: 5.08 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.23 mm,
number of solder pins per potential: 1, plug-in system: COMBICON MSTB 2,5, Pin connector
pattern alignment: Standard, locking: without, mounting method: without, type of packaging:
packed in cardboard




Similar Part No. - 1783627

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1783630 PHOENIX-1783630 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 6-G-5,08 GY
1783643 PHOENIX-1783643 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 8-G-5,08 GY
1783665 PHOENIX-1783665 Datasheet
102Kb / 4P
Printed-circuit board connector - PC 5/ 4-ST1-7,62 BK
11/04/2018
logo
List of Unclassifed Man...
1783680000 ETC2-1783680000 Datasheet
429Kb / 5P
OMNIMATE Power - series LX LX 15.00/03/90 4.5SN GY BX
logo
PHOENIX CONTACT
1783685 PHOENIX-1783685 Datasheet
59Kb / 4P
Printed-circuit board connector - MVSTBW 2,5/ 3-ST-5,08 GY
More results


Similar Description - 1783627

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1759017 PHOENIX-1759017 Datasheet
150Kb / 6P
MSTB 2,5/ 2-G-5,08
1759033 PHOENIX-1759033 Datasheet
150Kb / 6P
MSTB 2,5/ 4-G-5,08
1759046 PHOENIX-1759046 Datasheet
432Kb / 7P
MSTB 2,5/ 5-G-5,08
1770740 PHOENIX-1770740 Datasheet
148Kb / 6P
MSTB 2,5/ 5-G-5,08-LA
1883682 PHOENIX-1883682 Datasheet
42Kb / 2P
Base strip - MSTB 2,5/ 3-G-5,08 GY
1759208 PHOENIX-1759208 Datasheet
151Kb / 5P
MSTB 2,5/21-G-5,08
1735853 PHOENIX-1735853 Datasheet
662Kb / 19P
PCB header - MSTBW 2,5/ 5-G-5,08
1924114 PHOENIX-1924114 Datasheet
510Kb / 14P
PCB header - MSTB 2,5 HC/ 5-GF-5,08
1924334 PHOENIX-1924334 Datasheet
344Kb / 11P
PCB header - MSTBVA 2,5 HC/ 5-G-5,08
1955992 PHOENIX-1955992 Datasheet
1Mb / 27P
CCVA 2,5/ 5-G-5,08 P26THRR56 - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com