Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1860265 Datasheet (PDF) - PHOENIX CONTACT

1860265 Datasheet PDF - PHOENIX CONTACT
Part # 1860265
Download  1860265 Download
File Size   562.04 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MC 1,5/10-G-3,5 AU - PCB header

1860265 Datasheet (PDF)

Go To PDF Page Download Datasheet
1860265 Datasheet PDF - PHOENIX CONTACT

Part # 1860265
Download  1860265 Click to download

File Size   562.04 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MC 1,5/10-G-3,5 AU - PCB header

1860265 Datasheet (HTML) - PHOENIX CONTACT


1860265 Product details

PCB headers, nominal cross section: 1.5 mm2, color: green, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Au, contact connection type: Pin, number of potentials: 10, number
of rows: 1, number of positions: 10, number of connections: 10, product range: MC 1,5/..-G,
pitch: 3.5 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.4 mm,
number of solder pins per potential: 1, plug-in system: COMBICON MC 1,5, Pin connector
pattern alignment: Standard, locking: without, mounting method: without, type of packaging:
packed in cardboard




Similar Part No. - 1860265

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
18602650 CML-18602650 Datasheet
309Kb / 1P
StarLEDs T31/4 (10x25mm)BA9s with bridge rectifier
18602651 CML-18602651 Datasheet
309Kb / 1P
StarLEDs T31/4 (10x25mm)BA9s with bridge rectifier
18602652 CML-18602652 Datasheet
309Kb / 1P
StarLEDs T31/4 (10x25mm)BA9s with bridge rectifier
18602657 CML-18602657 Datasheet
309Kb / 1P
StarLEDs T31/4 (10x25mm)BA9s with bridge rectifier
1860265W3 CML-1860265W3 Datasheet
309Kb / 1P
StarLEDs T31/4 (10x25mm)BA9s with bridge rectifier
More results


Similar Description - 1860265

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1844252 PHOENIX-1844252 Datasheet
162Kb / 5P
MC 1,5/ 6-G-3,5
1844294 PHOENIX-1844294 Datasheet
162Kb / 5P
MC 1,5/10-G-3,5
1731756 PHOENIX-1731756 Datasheet
134Kb / 8P
Feed-through header - MC 1,5/10-G-3,5-RN
1843680 PHOENIX-1843680 Datasheet
793Kb / 17P
PCB header - MCV 1,5/10-G-3,5
Jul 20, 2022
1843871 PHOENIX-1843871 Datasheet
801Kb / 18P
PCB header - MC 1,5/10-GF-3,5
Jul 21, 2022
1788563 PHOENIX-1788563 Datasheet
790Kb / 16P
PCB header - MC 1,5/ 5-G-3,5 P26 THR
Nov 30, 2022
1731730 PHOENIX-1731730 Datasheet
516Kb / 13P
PCB header - MC 1,5/ 8-G-3,5-RN
Jan 3, 2023
1995787 PHOENIX-1995787 Datasheet
499Kb / 10P
PCB header - MC 1,5/ 2-GF-3,5 AU
1731714 PHOENIX-1731714 Datasheet
519Kb / 13P
PCB header - MC 1,5/ 6-G-3,5-RN
1731743 PHOENIX-1731743 Datasheet
519Kb / 13P
MC 1,5/ 9-G-3,5-RN - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com