Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8796B Datasheet (PDF) - Monolithic Power Systems

MP8796B Datasheet PDF - Monolithic Power Systems
Part # MP8796B
Download  MP8796B Download
File Size   1098.18 Kbytes
Page   52 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 16V, 30A, Scalable, Digital, Synchronous Step-Down Converter with PMBus

MP8796B Datasheet (PDF)

Go To PDF Page Download Datasheet
MP8796B Datasheet PDF - Monolithic Power Systems

Part # MP8796B
Download  MP8796B Click to download

File Size   1098.18 Kbytes
Page   52 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 16V, 30A, Scalable, Digital, Synchronous Step-Down Converter with PMBus

MP8796B Datasheet (HTML) - Monolithic Power Systems


MP8796B Product details

DESCRIPTION
The MP8796B is a fully integrated, PMBuscompatible, high-frequency, synchronous buck converter. The MP8796B offers a very compact solution that achieves up to 30A of output current per phase with excellent load and line regulation over a wide input supply range. The MP8796B operates at high efficiency over a wide output current load range.
The PMBus interface provides converter configurations and key parameter monitoring.
The MP8796B adopts MPS’s proprietary, multiphase constant-on-time (MCOT) control, which provides fast transient response and eases loop stabilization. The MCOT control scheme also allows multiple MP8796B devices to be connected in parallel with excellent current sharing and phase interleaving for high-current applications.
Fully integrated protection features include over-current protection (OCP), over-voltage protection (OVP), under-voltage protection (UVP), and over-temperature protection (OTP).
The MP8796B requires a minimal number of readily available, standard external components, and is available in a TQFN-25 (4mmx5mm) package.

FEATURES
 PMBus 1.3 Compliant
 Scalable Multi-Phase Operation
 3.1V to 16V with External 3.3V VCC Bias, 4V to 16V with Internal Bias or External 3.3V VCC Bias
 30A Continuous Output Current per Phase
 Low RDS(ON) Integrated Power MOSFETs
 Lossless, Accurate On-Die Current Sensing
 Adaptive COT for Ultra-Fast Transient Response
 Stable with Zero-ESR Output Capacitors
 0.5% Reference Voltage Over 0°C to +70°C Junction Temperature Range
 Output Voltage True Remote Sense
 Output Adjustable from 0.4V to 0.9 x VIN Up to 5.5V Max
 Output Voltage/Current, Input Voltage, and Junction Temperature Reporting
 Built-In MTP to Store Custom Configurations
 Configurable via PMBus
o Output Voltage
o Output Current Limit
o Selection of Pulse Skip or Forced CCM Operation
o Soft-Start Time
o Selection of Switching Frequency from 400kHz, 600kHz, 800kHz, or 1000kHz
o Selection of Hiccup or Latch-Off Mode for OCP, OVP, and OTP
o Ramp Compensation
 Available in a TQFN-25 (4mmx5mm) Package

APPLICATIONS
 Telecom and Networking Systems
 Base Stations
 Servers




Similar Part No. - MP8796B

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
MP8792 MPSIND-MP8792 Datasheet
1Mb / 20P
16V, 12A, Synchronous Step-Down Converter with Adjustable Current Limit,Configurable Frequency, and Voltage Tracking
Rev. 1.0
MP8792GLE MPSIND-MP8792GLE Datasheet
1Mb / 20P
16V, 12A, Synchronous Step-Down Converter with Adjustable Current Limit,Configurable Frequency, and Voltage Tracking
Rev. 1.0
MP8794 MPSIND-MP8794 Datasheet
1Mb / 22P
16V, 20A, Synchronous, Step-Down Converter with Adjustable Current Limit,
Rev. 1.0 12/2/2019
MP8794GLE MPSIND-MP8794GLE Datasheet
1Mb / 22P
16V, 20A, Synchronous, Step-Down Converter with Adjustable Current Limit,
Rev. 1.0 12/2/2019
logo
Exar Corporation
MP8795 EXAR-MP8795 Datasheet
932Kb / 14P
CMOS 1.5 MSPS VERY LOW POWER 10-BIT ANALOG-TO-DIGITAL CONVERTER
More results


Similar Description - MP8796B

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2205A MPS-MP2205A Datasheet
757Kb / 14P
16V, 2.5A, 1.3MHz Synchronous Step-Down Converter
MP2214 MPS-MP2214 Datasheet
351Kb / 12P
16V, 4A, 600kHz Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE727C ACE-ACE727C Datasheet
354Kb / 10P
600KHz, 16V, 2A Synchronous Step-Down Converter
VER 1.2
logo
Texas Instruments
TPS549A20 TI1-TPS549A20 Datasheet
1Mb / 47P
15A Synchronous Step-Down SWIFT Converter With PMBus
logo
SHANGHAI BELLING CO., L...
BL8031 BELLING-BL8031 Datasheet
754Kb / 6P
600KHz, 16V, 2A Synchronous Step-Down Converter
logo
Lowpower Semiconductor ...
LP6460A POWER-LP6460A Datasheet
1Mb / 10P
600KHz, 16V/2A Synchronous Step-down Converter
LP6470T POWER-LP6470T Datasheet
1Mb / 10P
600KHz, 16V/2A Synchronous Step-down Converter
logo
Renesas Technology Corp
ISL8274M RENESAS-ISL8274M Datasheet
3Mb / 81P
30A/30A Dual-Channel Digital PMBus Step-Down Power Module
logo
Lowpower Semiconductor ...
LP6480 POWER-LP6480 Datasheet
1Mb / 10P
600KHz, 16V/2A Synchronous Step-down Converter
logo
ACE Technology Co., LTD...
ACE7316LA ACE-ACE7316LA Datasheet
560Kb / 6P
500KHz, 16V, 3A Synchronous Step-Down Converter
VER 1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com