Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ7920 Datasheet (PDF) - Monolithic Power Systems

MPQ7920 Datasheet PDF - Monolithic Power Systems
Part # MPQ7920
Download  MPQ7920 Download
File Size   2003.83 Kbytes
Page   44 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 5V PMIC with Four 2A/2.5A/4.5A/4.5A Buck Converters, 5 LDOs, and Flexible System Settings via I2C and MTP, AEC-Q100

MPQ7920 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPQ7920 Datasheet PDF - Monolithic Power Systems

Part # MPQ7920
Download  MPQ7920 Click to download

File Size   2003.83 Kbytes
Page   44 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 5V PMIC with Four 2A/2.5A/4.5A/4.5A Buck Converters, 5 LDOs, and Flexible System Settings via I2C and MTP, AEC-Q100

MPQ7920 Datasheet (HTML) - Monolithic Power Systems


MPQ7920 Product details

DESCRIPTION
The MPQ7920 is a complete power management solution that integrates four highefficiency step-down DC/DC converters, five low-dropout regulators, and a flexible logic interface.
Constant-on-time (COT) control in the DC/DC converter provides fast transient response. The adjustable switching frequency (up to 2.75MHz) during CCM greatly reduces external inductor and capacitor value. Full protection features include UVLO, OCP, OVP, and thermal shutdown.
The output voltage is adjustable through the I2C bus or preset by the MTP (multiple-time programmable). The power-on/off sequence is also programmable via the MTP and can be controlled through I2C bus online.
The MPQ7920 requires a minimal number of external components, and is available in a space-saving QFN-26 (3.5mmx4.5mm) package with wettable flanks. This part is AEC-Q100 qualified.

FEATURES
 High-Efficiency Step-Down Converters
o Buck 1: 4.5A DC/DC Converter
o Buck 2: 2.5A DC/DC Converter
o Buck 3: 4.5A DC/DC Converter
o Buck 4: 2A DC/DC Converter
o Buck 1 and Buck 3 Can Work in Parallel
o Buck 2 and Buck 4 Can Work in Parallel
o 2.7V to 5.5V Operating Input Range
o 0.4V to 3.58V/12.5mV Step or 0.4V to 2.2V/7.4mV Step Option VOUT Range for Buck 1, Buck 2, and Buck 3
o 0.4V to 3.58V/12.5mV step VOUT Range for Buck 4
o Adjustable Switching Frequency
o Adjustable Soft-Start Time
o Adjustable Phase Delay
o Programmable Forced PWM, Auto-PFM, PWM Mode
o Output OCP, OVP
 Low-Dropout Regulators
o One RTC Dedicated LDO
o Four Low-Noise LDOs
o Two Separate Input Power Supplies
o 50mV Dropout at 300mA Load
 System
o I2C Bus and User Programmable MTP
o Two-Time Programmable MTP
o Power-On/Off Control
o Multi-Function LDO2/EN1 Pin (EN1 Input Logic Level ≤ 3.3V)
o Power-On Reset Output
o Flexible Power-On/Off Sequence via MTP (0.5ms/2ms/8ms/16ms Selectable Time Slot)
o Flexible DC/DC, LDO On/Off via the MTP
o ±4kV HBM and ±2kV CDM ESD Rating for All Pins
o Available in a QFN-26 (3.5mmx4.5mm) Package
o Available in AEC-Q100 Grade 1

APPLICATIONS
 Automotive Infotainment
 Automotive Video Recorder
 Automotive Display Electronics




Similar Part No. - MPQ7920

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
MPQ7043 CENTRAL-MPQ7043 Datasheet
137Kb / 1P
QUAD TRANSISTORS
MPQ7043 CENTRAL-MPQ7043_15 Datasheet
407Kb / 2P
SILICON NPN QUAD TRANSISTOR
MPQ7053 CENTRAL-MPQ7053 Datasheet
137Kb / 1P
QUAD TRANSISTORS
MPQ7053 CENTRAL-MPQ7053_15 Datasheet
414Kb / 2P
SILICON NPN/PNP COMPLEMENTARY QUAD TRANSISTOR
logo
Motorola, Inc
MPQ7091 MOTOROLA-MPQ7091 Datasheet
84Kb / 4P
Quad Amplifier Transistors
More results


Similar Description - MPQ7920

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2827 MICREL-MIC2827 Datasheet
790Kb / 27P
Triple Output PMIC with HyperLight Load??DCDC, two LDOs, and I2C Control
logo
ams AG
AS3709 AMSCO-AS3709 Datasheet
930Kb / 74P
關PMIC with 5 DCDC and 2 LDOs
logo
Richtek Technology Corp...
DS5028E RICHTEK-DS5028E Datasheet
519Kb / 41P
Integrated PMIC with 4-Channel Synchronous Buck Converters, 8 LDOs, and MTP Non-Volatile Memory for Industrial Applications
logo
Renesas Technology Corp
ISL91128 RENESAS-ISL91128 Datasheet
999Kb / 17P
High Efficiency Buck-Boost Regulator with 4.5A Switches and I2C Interface
logo
Shenzhen X-Powers Techn...
AXP152 XPOWER-AXP152 Datasheet
390Kb / 4P
Highly integrated PMIC with 4 DC/DC Buck Converters and 7 LDOs
AXP155 XPOWER-AXP155 Datasheet
398Kb / 3P
Highly integrated PMIC with 5 DC/DC Buck Converters and 10 LDOs
logo
Major-Power Technology ...
MA5605 MPOWER-MA5605 Datasheet
462Kb / 9P
36V 4.5A Synchronous Buck Converter
logo
Texas Instruments
TPS6521905 TI1-TPS6521905 Datasheet
4Mb / 164P
User programmable Power Management IC (PMIC) with three step-down DC/DC converters and four LDOs
JUNE 2023
logo
Richtek Technology Corp...
RTQ5115-QA RICHTEK-RTQ5115-QA Datasheet
582Kb / 46P
Integrated PMIC with 4-Channel Synchronous Buck Converters, 8 LDOs, and MTP Non-Volatile Memory for Industrial and Automotive Applications
June 2021
logo
MPS Industries, Inc.
MP5413 MPSIND-MP5413 Datasheet
139Kb / 2P
2.7V-5.5V, Power Management IC with Four Buck Converters, Two LDOs,I2C Interface, and 2 GPO Pins
Rev. 0.8 3/21/2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com