Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5413 Datasheet (PDF) - MPS Industries, Inc.

MP5413 Datasheet PDF - MPS Industries, Inc.
Part # MP5413
Download  MP5413 Download
File Size   139.99 Kbytes
Page   2 Pages
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.
Description 2.7V-5.5V, Power Management IC with Four Buck Converters, Two LDOs,I2C Interface, and 2 GPO Pins

MP5413 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP5413 Datasheet PDF - MPS Industries, Inc.

Part # MP5413
Download  MP5413 Click to download

File Size   139.99 Kbytes
Page   2 Pages
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.
Description 2.7V-5.5V, Power Management IC with Four Buck Converters, Two LDOs,I2C Interface, and 2 GPO Pins

MP5413 Datasheet (HTML) - MPS Industries, Inc.


MP5413 Product details

DESCRIPTION
The MP5413 is a complete power management
solution that integrates four high-efficiency, stepdown,
DC/DC converters, two low-dropout
regulators, and two controllable GPO ports.
The constant-on-time (COT) control DC/DC
converter provides fast transient response. The
1.5MHz, default, fixed switching frequency
during continuous conduction mode (CCM)
reduces the external inductor and capacitor
values greatly. Four DC/DC converters work with
90-degree phase-shift mode. Full protection
features include under-voltage lockout (UVLO),
over-current protection (OCP), and thermal
shutdown.
The output voltage is adjustable through the I2C
bus or preset by the one-time programmable
OTP) function. The power-on/-off sequence is
also programmable by the OTP or can be
controlled through the I2C bus online. Two GPO
pins can be used to expand the power rails
needed for different applications.
The MP5413 requires a minimal number of
external components and is available in a spacesaving,
38-pin WLCSP-38 (2.7mmx3.1mm)
package.

FEATURES
 Four High-Efficiency Step-Down Converters
o Buck1: 3A DC/DC Converter
o Buck2: 2A DC/DC Converter
o Buck3: 3A DC/DC Converter
o Buck4: 2A DC/DC Converter
o 2.7V to 5.5V Operating Input Range
o Adjustable Switching Frequency
o Programmable Forced PWM, Auto
PFM/PWM Mode
o Hiccup Over-Current Protection (OCP)
 Two Low-Dropout Regulators
o Two 300mA Low Noise LDOs
o 100mV Dropout at 300mA Load
 System
o I2C Bus and OTP
o Sleep Mode Control
o Flexible Power On/Off Sequence via
OTP
o Flexible DC/DC, LDO On/Off Control
 Available in a Small WLCSP-38
(2.7mmx3.1mm) Package

APPLICATIONS
 Solid-State Drives (SSDs)
 Smart TVs
 IP Cameras
 AP Access Points
 Set-Top Boxes




Similar Part No. - MP5413

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP5410 MPS-MP5410 Datasheet
458Kb / 12P
Low Start-up Voltage Boost Converter with Four SPDT Switches
MP5410EQ MPS-MP5410EQ Datasheet
458Kb / 12P
Low Start-up Voltage Boost Converter with Four SPDT Switches
MP5414 MPS-MP5414 Datasheet
687Kb / 22P
PMU for 3D Glasses
MP5414DV MPS-MP5414DV Datasheet
687Kb / 22P
PMU for 3D Glasses
MP5416GR-0001 MPS-MP5416GR-0001 Datasheet
511Kb / 7P
5V Power Management IC Evaluation Board
More results


Similar Description - MP5413

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC653 SEMTECH-SC653 Datasheet
309Kb / 22P
Light Management Unit with 2 LDOs and SemPulse짰Interface
logo
Freescale Semiconductor...
13892 FREESCALE-13892_10 Datasheet
6Mb / 161P
Power Management and User Interface IC
13892 FREESCALE-13892_11 Datasheet
5Mb / 156P
Power Management and User Interface IC
logo
Intersil Corporation
ISL80083 INTERSIL-ISL80083 Datasheet
1Mb / 21P
2.5MHz Integrated Power Management IC with I2C Compatible Interface
May 15, 2013
logo
Linear Technology
LTC3445 LINER-LTC3445_15 Datasheet
480Kb / 24P
I2C Controllable Buck Regulator with Two LDOs
logo
Analog Devices
LT3380 AD-LT3380 Datasheet
1Mb / 30P
Multioutput Power Management Solution with Four Buck Switching and Three LDO Linear Regulators with I2C
09/21-REV.A
logo
Renesas Technology Corp
ISL80083 RENESAS-ISL80083 Datasheet
1Mb / 21P
2.5MHz Integrated Power Management IC with I2C Compatible Interface
May 15, 2013
logo
Texas Instruments
TPS6521905 TI1-TPS6521905 Datasheet
4Mb / 164P
User programmable Power Management IC (PMIC) with three step-down DC/DC converters and four LDOs
JUNE 2023
TPS6521905-Q1 TI-TPS6521905-Q1 Datasheet
2Mb / 155P
Automotive User programmable Power Management IC (PMIC) with three step-down DC/DC converters and four LDOs
SEPTEMBER 2023
TPS6522005-EP TI1-TPS6522005-EP Datasheet
3Mb / 164P
TPS6522005-EP User Programmable Power Management IC (PMIC) with Three Stepdown DC/DC Converters and Four LDOs
NOVEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com