Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5413 Datasheet(PDF) 2 Page - MPS Industries, Inc.

Part # MP5413
Description  2.7V-5.5V, Power Management IC with Four Buck Converters, Two LDOs,I2C Interface, and 2 GPO Pins
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP5413 Datasheet(HTML) 2 Page - MPS Industries, Inc.

  MP5413 Datasheet HTML 1Page - MPS Industries, Inc. MP5413 Datasheet HTML 2Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MP5413 – 5V, DIGITAL PMIC WITH 9 OUTPUTS
PRELIMINARY SPECIFICATIONS SUBJECT TO CHANGE
MP5413 Rev. 0.8
www.MonolithicPower.com
2
3/21/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
Preliminary Specifications Subject to Change
© 2019 MPS. All Rights Reserved.
TYPICAL APPLICATION
MP5413
VIN1
GND1
SLP1
SCL
SW1
FB1
VIN5
OUT5
OUT6
VIN1: 2.7V-5.5V
VOUT1: 0.9V
C1
22µF
L1
C6
22µFX2
1µH
SW2
FB2
L2
C7
22µF
1.5µH
SW3
FB3
L3
C8
22µFX2
SW4
FB4
L4
C9
22µF
VIN2
GND2
C2
22µF
VIN3
GND3
C3
22µF
VIN4
GND4
C4
22µF
2.2µF
C12
2.2µF
C11
1µF
C10
GPO2
GPO1
SLP2
AVIN
C5
1µF
AGND
SDA
VOUT2: 1.8V
VOUT3: 1.8V
VOUT4: 1.2V
1µH
1.5µH
OTP-EFUSE SELECTED TABLE BY DEFAULT (MP5413-0000)
OTP ITEMS
BUCK 1
BUCK 2
BUCK 3
BUCK 4
GPO1
GPO2
LDO5
LDO6
Output voltage
0.9V
1.8V
1.8V
1.2V
N/A
N/A
1.8V
3.3V
Initial on/off
On
On
On
On
On
On
On
On
Mode
Auto PFM/PWM
N/A
Power on delay/time slot #
1.6ms/2
0.8ms/1
3.2ms/4
4.8ms/6
2.4ms/3
0ms/0
4ms/5
0ms/0
Automatic turn-on
Yes
Switching frequency
1.5MHz
Buck1 current limit
6A
Buck3 current limit
6A
SS option
500µs



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com