Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4010B Datasheet (PDF) - STMicroelectronics

HCF4010B Datasheet PDF - STMicroelectronics
Part # HCF4010B
Download  HCF4010B Download
File Size   302.3 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HEX BUFFER/CONVERTERS

HCF4010B Datasheet (PDF)

Go To PDF Page Download Datasheet
HCF4010B Datasheet PDF - STMicroelectronics

Part # HCF4010B
Download  HCF4010B Click to download

File Size   302.3 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HEX BUFFER/CONVERTERS

HCF4010B Datasheet (HTML) - STMicroelectronics


HCF4010B Product details

DESCRIPTION
The HCC4009UB/4010B (extended temperature range) and the HCF4009UB/4010B (intermediate temperature range) are monolithic integrated circuits available in 16-lead dual in line plastic or ceramic packages and plastic micropackage.

■ CMOS TO DTL/TTL HEX CONVERTER
■ HIGH-TO-LOW LEVEL LOGIC CONVERSION
■ MULTIPLEXER: 1-TO-6 OR 6-TO-1
■ HIGH”SINK” AND ”SOURCE” CURRENT CAPABILITY
■ 5V, 10V AND 15V PARAMETRIC RATINGS
■ MAXIMUM INPUT CURRENT OF 100 µA AT 18V OVER FULL
■ PACKAGE AND TEMPERATURE RANGE;
   100nA AT 18V AND 25°C
■ 100% TESTED FOR QUIESCENT CURRENT AT 20V
■ MEETS ALL REQUIREMENTS OF JEDECTENTATIVE
   STANDARD N. 13A, ” STANDARD
   SPECIFICATIONS FOR DESCRIPTION OF B
   SERIES CMOS DEVICES ”
   4009UB–INVERTING TYPE
   4010B–NON INVERTING TYPE




Similar Part No. - HCF4010B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4010B STMICROELECTRONICS-HCF4010B Datasheet
467Kb / 10P
HEX BUFFER/CONVERTER (NON INVERTING)
16-Mar-2005
HCF4010B STMICROELECTRONICS-HCF4010B Datasheet
56Kb / 8P
HEX BUFFER/CONVERTER (NON INVERTING)
Sep-2001
HCF4010BEY STMICROELECTRONICS-HCF4010BEY Datasheet
467Kb / 10P
HEX BUFFER/CONVERTER (NON INVERTING)
16-Mar-2005
HCF4010BEY STMICROELECTRONICS-HCF4010BEY Datasheet
56Kb / 8P
HEX BUFFER/CONVERTER (NON INVERTING)
Sep-2001
HCF4010BM1 STMICROELECTRONICS-HCF4010BM1 Datasheet
467Kb / 10P
HEX BUFFER/CONVERTER (NON INVERTING)
16-Mar-2005
More results


Similar Description - HCF4010B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC50 ONSEMI-MC74VHC50 Datasheet
197Kb / 7P
Hex Buffer
March, 2006 -- Rev. 4
logo
Harris Corporation
CD4049UB HARRIS-CD4049UB Datasheet
75Kb / 10P
CMOS Hex Buffer/Converters
logo
Unisonic Technologies
U74LVC34A UTC-U74LVC34A Datasheet
193Kb / 5P
HEX BUFFER
logo
Texas Instruments
CD4049UBDE4 TI1-CD4049UBDE4 Datasheet
1Mb / 38P
CMOS Hex Buffer/Converters
JM3851005554BEA TI-JM3851005554BEA Datasheet
1Mb / 38P
CMOS Hex Buffer Converters
logo
Unisonic Technologies
UCD4049B UTC-UCD4049B Datasheet
210Kb / 5P
CMOS HEX BUFFER/CONVERTERS
UCD4050B UTC-UCD4050B Datasheet
196Kb / 5P
CMOS HEX BUFFER/CONVERTERS
UCD4049B UTC-UCD4049B_15 Datasheet
243Kb / 5P
CMOS HEX BUFFER/CONVERTERS
UCD4050B UTC-UCD4050B_15 Datasheet
196Kb / 5P
CMOS HEX BUFFER/CONVERTERS
logo
Texas Instruments
CD4049UB TI1-CD4049UB_15 Datasheet
1Mb / 37P
CMOS Hex Buffer/Converters
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com