Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4010B Datasheet(PDF) 4 Page - STMicroelectronics

Part # HCF4010B
Description  HEX BUFFER/CONVERTERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4010B Datasheet(HTML) 4 Page - STMicroelectronics

  HCF4010B Datasheet HTML 1Page - STMicroelectronics HCF4010B Datasheet HTML 2Page - STMicroelectronics HCF4010B Datasheet HTML 3Page - STMicroelectronics HCF4010B Datasheet HTML 4Page - STMicroelectronics HCF4010B Datasheet HTML 5Page - STMicroelectronics HCF4010B Datasheet HTML 6Page - STMicroelectronics HCF4010B Datasheet HTML 7Page - STMicroelectronics HCF4010B Datasheet HTML 8Page - STMicroelectronics HCF4010B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
DYNAMIC ELECTRICAL CHARACTERISTICS (Tamb =25
oC, CL =50 pF, RL = 200 K
Ω,
typical temperature coefficent for all VDD values is 03 %/
oC, all input rise and fall times= 20 ns)
Symbol
Parameter
Test Conditions
Value
Unit
VDD (V)
VI (V)
VCC (V)
Min.
Typ.
Max.
tPLH
Propagation Delay Time
(4009UB)
5
5
5
70
140
ns
10
10
10
40
80
10
10
5
35
70
15
15
15
30
60
15
15
5
30
60
tPLH
Propagation Delay Time
(4010B)
5
5
5
100
200
ns
10
10
10
50
100
10
10
5
50
100
15
15
15
35
70
15
15
5
35
70
tPHL
Propagation Delay Time
(4009UB)
55
5
30
60
ns
10
10
10
20
40
10
10
5
15
30
15
15
15
15
30
15
15
5
10
20
tPHL
Propagation Delay Time
(4010B)
5
5
5
65
130
ns
10
10
10
35
70
10
10
5
30
70
15
15
15
25
50
15
15
5
20
40
tTLH
Transition Time
5
5
5
150
350
ns
10
10
10
75
150
15
15
15
55
110
tTHL
Transition Time
5
5
5
35
70
ns
10
10
10
20
40
15
15
15
15
30
Minimum and Maximum Voltage Transfer Char-
acteristics for 4009UB
Typical Voltage Transfer Characteristics As a
Function of Temperature for 4009UB
HCC/HCF4009UB HCC/ HCF4010B
4/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com