Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF005 Datasheet (PDF) - HY ELECTRONIC CORP.

DF005 Datasheet PDF - HY ELECTRONIC CORP.
Part # DF005
Download  DF005 Download
File Size   38.32 Kbytes
Page   2 Pages
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.
Description GLASS PASSIVATED BRIDEG RECTIFIERS

DF005 Datasheet (PDF)

Go To PDF Page Download Datasheet
DF005 Datasheet PDF - HY ELECTRONIC CORP.

Part # DF005
Download  DF005 Click to download

File Size   38.32 Kbytes
Page   2 Pages
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.
Description GLASS PASSIVATED BRIDEG RECTIFIERS

DF005 Datasheet (HTML) - HY ELECTRONIC CORP.


DF005 Product details

REVERSE VOLTAGE - 50 to 1000Volts
FORWARD CURRENT - 1.0 Ampere

FEATURES
● Rating to 1000V PRV
● Ideal for printed circuit board
● Low forward voltage drop,high current capability
● Reliable low cost construction utilizing molded plastic
   technique results in inexpensive product
● The plastic material has UL flammability
   classification 94V-0




Similar Part No. - DF005

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
DF005 WTE-DF005 Datasheet
50Kb / 3P
1.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shanghai Sunrise Electr...
DF005 SSE-DF005 Datasheet
14Kb / 1P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
DF005 CHENYI-DF005 Datasheet
131Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
GOOD-ARK Electronics
DF005 GOOD-ARK-DF005 Datasheet
160Kb / 2P
GLASS PASSIVATED CHIP SINGLE-PHASE BRIDGE RECTIFIER
logo
Won-Top Electronics
DF005 WTE-DF005 Datasheet
61Kb / 4P
1.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Similar Description - DF005

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101 Datasheet
39Kb / 2P
GLASS PASSIVATED BRIDEG RECTIFIERS
DB101S HY-DB101S Datasheet
40Kb / 2P
GLASS PASSIVATED BRIDEG RECTIFIERS
DB151 HY-DB151 Datasheet
40Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDEG RECTIFIERS
DB151S HY-DB151S Datasheet
40Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDEG RECTIFIERS
DB201 HY-DB201 Datasheet
39Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDEG RECTIFIERS
DF2005 HY-DF2005 Datasheet
38Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDEG RECTIFIERS
DF2005S HY-DF2005S Datasheet
38Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDEG RECTIFIERS
DF15005 HY-DF15005 Datasheet
38Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDEG RECTIFIERS
DF15005S HY-DF15005S Datasheet
42Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDEG RECTIFIERS
logo
Gaomi Xinghe Electronic...
DB107 GXELECTRONICS-DB107 Datasheet
312Kb / 2P
GLASS PASSIVATED BRIDEG RECTIFIERS
More results




About HY ELECTRONIC CORP.


HY Electronic Corp, also known as HY Electronic, is a Taiwanese company that specializes in the manufacturing and distribution of electronic components. The company was founded in 1982 and is headquartered in Taipei, Taiwan. HY Electronic offers a wide range of products, including passive components (resistors, capacitors, and inductors), magnetic components (transformers, inductors, and chokes), connectors, and cables.

The company has a global presence, with offices and manufacturing facilities in Taiwan, China, and the United States. HY Electronic is known for its high-quality products and has a reputation for providing excellent customer service. The company's products are used in a variety of applications, including consumer electronics, automotive, telecommunications, and industrial automation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com