Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9744 Datasheet (PDF) - Analog Devices

AD9744 Datasheet PDF - Analog Devices
Part # AD9744
Download  AD9744 Download
File Size   1325.53 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 14-Bit, 210 MSPS TxDAC짰 D/A Converter

AD9744 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9744 Datasheet PDF - Analog Devices

Part # AD9744
Download  AD9744 Click to download

File Size   1325.53 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 14-Bit, 210 MSPS TxDAC짰 D/A Converter

AD9744 Datasheet (HTML) - Analog Devices


AD9744 Product details

GENERAL DESCRIPTION
The AD9744 is a 14-bit resolution, wideband, third generation member of the TxDAC series of high performance, low power CMOS digital-to-analog converters (DACs). The TxDAC family,
consisting of pin-compatible 8-, 10-, 12-, and 14-bit DACs, is specifically optimized for the transmit signal path of communication systems. All of the devices share the same interface options, small outline package, and pinout, providing an upward or downward component selection path based on performance, resolution, and cost. The AD9744 offers exceptional ac and dc performance while supporting update rates up to 210 MSPS.

FEATURES
High performance member of pin-compatible
TxDAC product family
Excellent spurious-free dynamic range performance
SFDR to Nyquist
83 dBc at 5 MHz output
80 dBc at 10 MHz output
73 dBc at 20 MHz output
SNR at 5 MHz output, 125 MSPS: 77 dB
Twos complement or straight binary data format
Differential current outputs: 2 mA to 20 mA
Power dissipation: 135 mW at 3.3 V
Power-down mode: 15 mW at 3.3 V
On-chip 1.2 V reference
CMOS-compatible digital interface
28-lead SOIC, 28-lead TSSOP, and 32-lead LFCSP packages
Edge-triggered latches

APPLICATIONS
Wideband communication transmit channel
Direct IFs
Base stations
Wireless local loops
Digital radio links
Direct digital synthesis (DDS)
Instrumentation

DC SPECIFICATIONS
TMIN to TMAX, AVDD = 3.3 V, DVDD = 3.3 V, CLKVDD = 3.3 V, IOUTFS = 20 mA, unless otherwise noted.




Similar Part No. - AD9744

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9744 AD-AD9744 Datasheet
1Mb / 32P
14-Bit, 210 MSPS TxDAC짰 D/A Converter
Rev. C
AD9744-EBZ AD-AD9744-EBZ Datasheet
1Mb / 32P
14-Bit, 210 MSPS TxDAC짰 D/A Converter
Rev. C
AD9744ACP-PCBZ AD-AD9744ACP-PCBZ Datasheet
1Mb / 32P
14-Bit, 210 MSPS TxDAC짰 D/A Converter
Rev. C
AD9744ACPZ AD-AD9744ACPZ Datasheet
1Mb / 32P
14-Bit, 210 MSPS TxDAC짰 D/A Converter
Rev. C
AD9744ACPZRL7 AD-AD9744ACPZRL7 Datasheet
1Mb / 32P
14-Bit, 210 MSPS TxDAC짰 D/A Converter
Rev. C
More results


Similar Description - AD9744

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9410 AD-AD9410 Datasheet
315Kb / 20P
10-Bit, 210 MSPS A/D Converter
REV.0
logo
Intersil Corporation
ISL5961 INTERSIL-ISL5961_04 Datasheet
682Kb / 13P
14-Bit, 3.3V, 130/210MSPS, High Speed D/A Converter
August 2004
logo
Analog Devices
AD9760ARUZ AD-AD9760ARUZ Datasheet
413Kb / 23P
10-Bit, 125 MSPS TxDAC짰 D/A Converter
REV. B
AD9708ARUZ AD-AD9708ARUZ Datasheet
249Kb / 16P
8-Bit, 100 MSPS TxDAC짰 D/A Converter
REV. B
AD9740ARRL AD-AD9740ARRL Datasheet
1Mb / 32P
10-Bit, 210 MSPS TxDAC D/A Converter
REV. B
AD9760ARRL AD-AD9760ARRL Datasheet
413Kb / 23P
10-Bit, 125 MSPS TxDAC짰 D/A Converter
REV. B
AD9760ARZ AD-AD9760ARZ Datasheet
413Kb / 23P
10-Bit, 125 MSPS TxDAC짰 D/A Converter
REV. B
logo
Intersil Corporation
ISL5961IBZ INTERSIL-ISL5961IBZ Datasheet
664Kb / 14P
14-Bit, 3.3V, 130/210MSPS, High Speed D/A Converter
October 7, 2015
logo
Renesas Technology Corp
ISL5961 RENESAS-ISL5961 Datasheet
966Kb / 14P
14-Bit, 3.3V, 130/210MSPS, High Speed D/A Converter
logo
Analog Devices
AD9744 AD-AD9744_V01 Datasheet
1Mb / 32P
14-Bit, 210 MSPS TxDAC짰 D/A Converter
Rev. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com