Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9410 Datasheet (PDF) - Analog Devices

AD9410 Datasheet PDF - Analog Devices
Part # AD9410
Download  AD9410 Download
File Size   315.54 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10-Bit, 210 MSPS A/D Converter

AD9410 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9410 Datasheet PDF - Analog Devices

Part # AD9410
Download  AD9410 Click to download

File Size   315.54 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10-Bit, 210 MSPS A/D Converter

AD9410 Datasheet (HTML) - Analog Devices


AD9410 Product details

GENERAL DESCRIPTION
The AD9410 is a 10-bit monolithic sampling analog-to-digital converter with an on-chip track-and-hold circuit and is optimized for high-speed conversion and ease of use. The product operates at a 210 MSPS conversion rate, with outstanding dynamic performance over its full operating range.

FEATURES
   SNR = 54 dB with 99 MHz Analog Input
   500 MHz Analog Bandwidth
   On-Chip Reference and Track/Hold
   1.5 V p-p Differential Analog Input Range
   5.0 V and 3.3 V Supply Operation
   3.3 V CMOS/TTL Outputs
   Power: 2.1 W Typical at 210 MSPS
   Demultiplexed Outputs Each at 105 MSPS
   Output Data Format Option
   Data Sync Input and Data Clock Output Provided
   Interleaved or Parallel Data Output Option
  
APPLICATIONS
   Communications and Radar
   Local Multipoint Distribution Service (LMDS)
   High-End Imaging Systems and Projectors
   Cable Reverse Path
   Point-to-Point Radio Link




Similar Part No. - AD9410

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9410 AD-AD9410 Datasheet
386Kb / 21P
10-Bit 210 MSPS ADC
Rev. A
AD9410BSVZ AD-AD9410BSVZ Datasheet
386Kb / 21P
10-Bit 210 MSPS ADC
Rev. A
AD9410 AD-AD9410_15 Datasheet
463Kb / 20P
10-Bit, 210 MSPS ADC
REV. A
AD9410 AD-AD9410_17 Datasheet
386Kb / 21P
10-Bit 210 MSPS ADC
Rev. A
More results


Similar Description - AD9410

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL5761 INTERSIL-ISL5761_04 Datasheet
641Kb / 13P
10-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
August 2004
logo
Analog Devices
AD9744 AD-AD9744 Datasheet
1Mb / 32P
14-Bit, 210 MSPS TxDAC짰 D/A Converter
4/05-Rev. A to Rev. B
AD9740ARRL AD-AD9740ARRL Datasheet
1Mb / 32P
10-Bit, 210 MSPS TxDAC D/A Converter
REV. B
AD9740 AD-AD9740_15 Datasheet
1Mb / 32P
10-Bit, 210 MSPS TxDAC D/A Converter
REV. B
AD9748 AD-AD9748_15 Datasheet
712Kb / 24P
8-Bit, 210 MSPS TxDAC D/A Converter
REV. B
logo
Intersil Corporation
ISL5761IBZ INTERSIL-ISL5761IBZ Datasheet
636Kb / 14P
10-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
September 15, 2015
logo
Analog Devices
AD9410 AD-AD9410_17 Datasheet
386Kb / 21P
10-Bit 210 MSPS ADC
Rev. A
logo
Renesas Technology Corp
ISL5729 RENESAS-ISL5729 Datasheet
932Kb / 13P
Dual 10-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
ISL5761 RENESAS-ISL5761 Datasheet
945Kb / 14P
10-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
logo
Analog Devices
AD9744 AD-AD9744_V01 Datasheet
1Mb / 32P
14-Bit, 210 MSPS TxDAC짰 D/A Converter
Rev. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com