Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9410 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9410
Description  10-Bit, 210 MSPS A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9410 Datasheet(HTML) 2 Page - Analog Devices

  AD9410 Datasheet HTML 1Page - Analog Devices AD9410 Datasheet HTML 2Page - Analog Devices AD9410 Datasheet HTML 3Page - Analog Devices AD9410 Datasheet HTML 4Page - Analog Devices AD9410 Datasheet HTML 5Page - Analog Devices AD9410 Datasheet HTML 6Page - Analog Devices AD9410 Datasheet HTML 7Page - Analog Devices AD9410 Datasheet HTML 8Page - Analog Devices AD9410 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
REV. 0
–2–
AD9410–SPECIFICATIONS
DC SPECIFICATIONS
Test
Parameter
Temp
Level
Min
Typ
Max
Unit
RESOLUTION
10
Bits
DC ACCURACY
No Missing Codes
1
Full
IV
Guaranteed
Differential Nonlinearity
25
°C
I
–1.0
±0.5
+1.25
LSB
Full
VI
–1.0
+1.5
LSB
Integral Nonlinearity
25
°C
I
–2.5
±1.65
+2.5
LSB
Full
VI
–3.0
+3.0
LSB
Gain Error
25
°C
I
–6.0
0
+6.0
% FS
Gain Tempco
Full
V
130
ppm/
°C
ANALOG INPUT
Input Voltage Range (With Respect to
AIN)
Full
V
±768
mV p-p
Common-Mode Voltage
Full
V
3.0
V
Input Offset Voltage
25
°C
I
–15
+3
+15
mV
Full
VI
–20
+20
mV
Reference Voltage
Full
VI
2.4
2.5
2.6
V
Reference Tempco
Full
V
50
ppm/
°C
Input Resistance
Full
VI
610
875
1250
Ω
Input Capacitance
25
°CV
3
pF
Analog Bandwidth, Full Power
25
°C
V
500
MHz
POWER SUPPLY
Power Dissipation AC
2
25
°C
V
2.1
W
Power Dissipation DC3
Full
VI
2.0
2.4
W
IVCC
3
Full
VI
128
145
mA
IVD
3
Full
VI
401
480
mA
Power Supply Rejection Ratio PSRR
25
°C
I
–7.5
+0.5
+7.5
mV/V
NOTES
1Package heat slug should be attached when operating at greater than 70
°C ambient temperature.
2Encode = 210 MSPS, A
IN = –0.5 dBFS 10 MHz sine wave, IVDD = 31 mA typical at CLOAD = 5 pF.
3Encode = 210 MSPS, A
IN = dc, outputs not switching.
Specifications subject to change without notice.
SWITCHING SPECIFICATIONS
Test
Parameter
Temp
Level
Min
Typ
Max
Unit
SWITCHING PERFORMANCE
Maximum Conversion Rate
Full
VI
210
MSPS
Minimum Conversion Rate
Full
IV
100
MSPS
Encode Pulsewidth High (tEH)25
°C
IV
1.2
2.4
ns
Encode Pulsewidth Low (tEL)25
°C
IV
1.2
2.4
ns
Aperture Delay (tA)25
°C
V
1.0
ns
Aperture Uncertainty (Jitter)
25
°C
V
0.65
ps rms
Output Valid Time (tV)
Full
VI
3.0
ns
Output Propagation Delay (tPD)
Full
VI
7.4
ns
Output Rise Time (tR)25
°C
V
1.8
ns
Output Fall Time (tF)25
°C
V
1.4
ns
CLKOUT Propagation Delay
1 (t
CPD)
Full
VI
2.6
4.8
6.4
ns
Data to DCO Skew (tPD–tCPD)
Full
IV
0
1
2
ns
DS Setup Time (tSDS)
Full
IV
0.5
ns
DS Hold Time (tHDS)
Full
IV
0
ns
Interleaved Mode (A, B Latency)
Full
VI
A = 6, B = 6
Cycles
Parallel Mode (A, B Latency)
Full
VI
A = 7, B = 6
Cycles
NOTES
1C
LOAD = 5 pF.
Specifications subject to change without notice.
(VDD = 3.3 V, VD = 3.3 V, VCC = 5.0 V; 2.5 V external reference; AIN = –0.5 dBFS; Clock
input = 210 MSPS; TA = 25 C; unless otherwise noted.)
(VDD = 3.3 V, VD = 3.3 V, VCC = 5.0 V; 2.5 V external reference; AIN = –0.5 dBFS; Clock input = 210 MSPS;
TA = 25 C; unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com