Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9410 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9410
Description  10-Bit, 210 MSPS A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9410 Datasheet(HTML) 3 Page - Analog Devices

  AD9410 Datasheet HTML 1Page - Analog Devices AD9410 Datasheet HTML 2Page - Analog Devices AD9410 Datasheet HTML 3Page - Analog Devices AD9410 Datasheet HTML 4Page - Analog Devices AD9410 Datasheet HTML 5Page - Analog Devices AD9410 Datasheet HTML 6Page - Analog Devices AD9410 Datasheet HTML 7Page - Analog Devices AD9410 Datasheet HTML 8Page - Analog Devices AD9410 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
REV. 0
–3–
AD9410
DIGITAL SPECIFICATIONS
Test
Parameter
Temp
Level
Min
Typ
Max
Unit
DIGITAL INPUTS
DFS, Input Logic “1” Voltage
Full
IV
4
V
DFS, Input Logic “0” Voltage
Full
IV
1
V
DFS, Input Logic “1” Current
Full
V
50
µA
DFS, Input Logic “0” Current
Full
V
50
µA
I/P Input Logic “1” Current
1
Full
V
400
µA
I/P Input Logic “0” Current
1
Full
V
1
µA
ENCODE,
ENCODE Differential Input Voltage
Full
IV
0.4
V
ENCODE,
ENCODE Differential Input Resistance
Full
V
1.6
k
Ω
ENCODE,
ENCODE Common-Mode Input Voltage2
Full
V
1.5
V
DS,
DS Differential Input Voltage
Full
IV
0.4
V
DS,
DS Common-Mode Input Voltage
Full
V
1.5
V
Digital Input Pin Capacitance
25
°CV
3
pF
DIGITAL OUTPUTS
Logic “1” Voltage (VDD = 3.3 V)
Full
VI
VDD – 0.05
V
Logic “0” Voltage (VDD = 3.3 V)
Full
VI
0.05
V
Output Coding
Binary or Two’s Complement
NOTES
1I/P pin Logic “1” = 5 V, Logic “0” = GND. It is recommended to place a series 2.5 k
Ω (±10%) resistor to VDD when setting to Logic “1” to limit input current.
2See Encode Input section in Applications section.
Specifications subject to change without notice.
AC SPECIFICATIONS
Test
Parameter
Temp
Level
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Transient Response
25
°CV
2
ns
Overvoltage Recovery Time
25
°CV
2
ns
Signal-to-Noise Ratio (SNR)
(Without Harmonics)
fIN = 10.3 MHz
25
°C
I
52.5
55
dB
fIN = 82 MHz
25
°C
I
52
54
dB
fIN = 160 MHz
25
°CV
53
dB
Signal-to-Noise Ratio (SINAD)
(With Harmonics)
fIN = 10.3 MHz
25
°C
I
51
54
dB
fIN = 82 MHz
25
°C
I
50
53
dB
fIN = 160 MHz
25
°CV
52
dB
Effective Number of Bits
fIN = 10.3 MHz
25
°C
I
8.3
8.8
Bits
fIN = 82 MHz
25
°C
I
8.1
8.6
Bits
fIN = 160 MHz
25
°C
V
8.4
Bits
Second Harmonic Distortion
fIN = 10.3 MHz
25
°C
I
–56
–65
dBc
fIN = 82 MHz
25
°C
I
–55
–63
dBc
fIN = 160 MHz
25
°C
V
–65
dBc
Third Harmonic Distortion
fIN = 10.3 MHz
25
°C
I
–58
–69
dBc
fIN = 82 MHz
25
°C
I
–57
–67
dBc
fIN = 160 MHz
25
°C
V
–62
dBc
Spurious Free Dynamic Range (SFDR)
fIN = 10.3 MHz
25
°C
I
56
61
dBc
fIN = 82 MHz
25
°C
I
54
60
dBc
fIN = 160 MHz
25
°C
V
58
dBc
Two-Tone Intermod Distortion IMD1
fIN1 = 80.3 MHz, fIN2 = 81.3 MHz
25
°C
V
58
dBFS
NOTES
1IN1, IN2 level = –7 dBFS.
Specifications subject to change without notice.
(VDD = 3.3 V, VD = 3.3 V, VCC = 5.0 V; 2.5 V external reference; AIN = –0.5 dBFS;
Clock input = 210 MSPS; TA = 25 C; unless otherwise noted.)
(VDD = 3.3 V, VD = 3.3 V, VCC = 5.0 V; 2.5 V external reference; AIN = –0.5 dBFS; Clock input = 210 MSPS;
TA = 25 C; unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com