Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9410 Datasheet(PDF) 20 Page - Analog Devices

Part # AD9410
Description  10-Bit, 210 MSPS A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9410 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9410 Datasheet HTML 12Page - Analog Devices AD9410 Datasheet HTML 13Page - Analog Devices AD9410 Datasheet HTML 14Page - Analog Devices AD9410 Datasheet HTML 15Page - Analog Devices AD9410 Datasheet HTML 16Page - Analog Devices AD9410 Datasheet HTML 17Page - Analog Devices AD9410 Datasheet HTML 18Page - Analog Devices AD9410 Datasheet HTML 19Page - Analog Devices AD9410 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
REV. 0
–20–
AD9410
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
80-Lead PowerQuad 2 (LQFP_ED)
(SQ-80)
1
20
21
41
40
60
80
61
PIN 1
TOP VIEW
(PINS DOWN)
0.630 (16.00) SQ
0.551 (14.00) SQ
SEATING
PLANE
0.063 (1.60)
MAX
0.004 (0.10)
MAX
COPLANARITY
0.006 (0.15)
0.002 (0.05)
0.030 (0.75)
0.024 (0.60)
0.018 (0.45)
0.0256 (0.65)
BSC
7
0
0.008 (0.20)
0.004 (0.09)
0.015 (0.38)
0.013 (0.32)
0.009 (0.22)
0.057 (1.45)
0.055 (1.40)
0.053 (1.35)
CONTROLLING DIMENSION IN MILLIMETERS.
CENTER FIGURES ARE TYPICAL UNLESS
OTHERWISE NOTED.
1
20
21
41
40
60
80
61
XX
BOTTOM
VIEW
NICKEL PLATED
0.120 (3.04)
45 C CHAMFER
4 PLACES
0.413 (10.50)
0.394 (10.00) REF
0.374 (9.50)
0.413 (10.50)
0.394 (10.00) REF
0.374 (9.50)
NOTE
The AD9410 has a conductive heat slug to help dissipate heat
and ensure reliable operation of the device over the full indus-
trial temperature range. The slug is exposed on the bottom of
the package. It is recommended that no PCB traces or vias be
located under the package that could come in contact with the
conductive slug. Attaching the slug to a ground plane while not
required in most applications will reduce the junction tempera-
ture of the device which may be beneficial in high temperature
environments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com