Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9410 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9410
Description  10-Bit, 210 MSPS A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9410 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9410 Datasheet HTML 7Page - Analog Devices AD9410 Datasheet HTML 8Page - Analog Devices AD9410 Datasheet HTML 9Page - Analog Devices AD9410 Datasheet HTML 10Page - Analog Devices AD9410 Datasheet HTML 11Page - Analog Devices AD9410 Datasheet HTML 12Page - Analog Devices AD9410 Datasheet HTML 13Page - Analog Devices AD9410 Datasheet HTML 14Page - Analog Devices AD9410 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
REV. 0
AD9410
–11–
MHz
0
0
–20
–40
–60
–80
–100
–120
105
ENCODE = 210MSPS
AIN1, AIN2 = –7dBFS
SFDR = 62dBFS
TPC 7. Two Tone Test AIN 1 = 80.3 MHz, AIN 2 = 81.3 MHz
TEMPERATURE – C
54.5
–40
54.0
53.5
53.0
52.5
52.0
51.5
–20
0
20
40
60
80
100
120
55.0
55.5
SNR
SINAD
TPC 8. SNR/SINAD vs. Temperature,
Encode = 210 MSPS, AIN = 70 MHz
TEMPERATURE – C
70
–40
68
66
64
62
60
58
–20
0
20
40
60
80
100
120
72
74
H2
H3
TPC 9. Second and Third Harmonics vs. Temperature;
AIN = 70 MHz, Encode = 210 MSPS
ANALOG SUPPLY
2.48
4.0
2.47
2.46
4.2
4.4
4.6
5.0
5.6
2.51
2.52
2.50
4.8
5.4
2.49
5.2
TPC 10. VREFOUT vs. Analog 5 V Supply
MSPS
110
100
60
10
120
140
160
200
260
310
210
180
160
220
360
410
460
IAhi3
IAhi5
Ivdd
TPC 11. Power Supply Currents vs. Encode
mA
2.35
0
2.30
2.25
0.5
1.0
2.0
1.5
2.40
2.5
2.45
2.50
2.55
TPC 12. VREFOUT vs. ILOAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com