Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9410 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9410
Description  10-Bit, 210 MSPS A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9410 Datasheet(HTML) 1 Page - Analog Devices

  AD9410 Datasheet HTML 1Page - Analog Devices AD9410 Datasheet HTML 2Page - Analog Devices AD9410 Datasheet HTML 3Page - Analog Devices AD9410 Datasheet HTML 4Page - Analog Devices AD9410 Datasheet HTML 5Page - Analog Devices AD9410 Datasheet HTML 6Page - Analog Devices AD9410 Datasheet HTML 7Page - Analog Devices AD9410 Datasheet HTML 8Page - Analog Devices AD9410 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD9410
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000
10-Bit, 210 MSPS
A/D Converter
FUNCTIONAL BLOCK DIAGRAM
T/H
AIN
AIN
DS
ENCODE
DS
ENCODE
ADC
10-BIT
CORE
TIMING AND
SYNCHRONIZATION
PORT
A
DFS
I/P
REFIN REFOUT
REFERENCE
VDD
DGND VD
AGND
VCC
ORA
D9A–D0A
DCO
ORB
D9B–D0B
10
DCO
AD9410
10
PORT
B
10
FEATURES
SNR = 54 dB with 99 MHz Analog Input
500 MHz Analog Bandwidth
On-Chip Reference and Track/Hold
1.5 V p-p Differential Analog Input Range
5.0 V and 3.3 V Supply Operation
3.3 V CMOS/TTL Outputs
Power: 2.1 W Typical at 210 MSPS
Demultiplexed Outputs Each at 105 MSPS
Output Data Format Option
Data Sync Input and Data Clock Output Provided
Interleaved or Parallel Data Output Option
APPLICATIONS
Communications and Radar
Local Multipoint Distribution Service (LMDS)
High-End Imaging Systems and Projectors
Cable Reverse Path
Point-to-Point Radio Link
GENERAL DESCRIPTION
The AD9410 is a 10-bit monolithic sampling analog-to-digital
converter with an on-chip track-and-hold circuit and is opti-
mized for high-speed conversion and ease of use. The product
operates at a 210 MSPS conversion rate, with outstanding
dynamic performance over its full operating range.
The ADC requires a 5.0 V and 3.3 V power supply and up to a
210 MHz differential clock input for full performance operation.
No external reference or driver components are required for many
applications. The digital outputs are TTL/CMOS-compatible,
and separate output power supply pins also support interfacing
with 3.3 V logic.
The clock input is differential and TTL/CMOS-compatible. The
10-bit digital outputs can be operated from 3.3 V (2.5 V to 3.6 V)
supplies. Two output buses support demultiplexed data up to
105 MSPS rates, and binary or two’s complement output coding
format is available. A data sync function is provided for timing-
dependent applications. An output clock simplifies interfacing to
external logic. The output data bus timing is selectable for parallel
or interleaved mode, allowing for flexibility in latching output data.
Fabricated on an advanced BiCMOS process, the AD9410
is available in an 80-lead surface-mount plastic package
(PowerQuad®2) specified over the industrial temperature range
(–40
°C to +85°C).
PowerQuad is a registered trademark of Amkor Electronics, Inc.
PRODUCT HIGHLIGHTS
High Resolution at High Speed—The architecture is specifically
designed to support conversion up to 210 MSPS with outstand-
ing dynamic performance.
Demultiplexed Output—Output data is decimated by two and
provided on two data ports for ease of data transport.
Output Data Clock—The AD9410 provides an output data
clock synchronous with the output data, simplifying the timing
between data and other logic.
Data Synchronization—A DS input is provided to allow for
synchronization of two or more AD9410s in a system, or
to synchronize data to a specific output port in a single
AD9410 system.


Similar Part No. - AD9410

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9410 AD-AD9410 Datasheet
386Kb / 21P
10-Bit 210 MSPS ADC
Rev. A
AD9410BSVZ AD-AD9410BSVZ Datasheet
386Kb / 21P
10-Bit 210 MSPS ADC
Rev. A
AD9410 AD-AD9410_15 Datasheet
463Kb / 20P
10-Bit, 210 MSPS ADC
REV. A
AD9410 AD-AD9410_17 Datasheet
386Kb / 21P
10-Bit 210 MSPS ADC
Rev. A
More results

Similar Description - AD9410

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL5761 INTERSIL-ISL5761_04 Datasheet
641Kb / 13P
10-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
August 2004
logo
Analog Devices
AD9744 AD-AD9744 Datasheet
1Mb / 32P
14-Bit, 210 MSPS TxDAC짰 D/A Converter
4/05-Rev. A to Rev. B
AD9740ARRL AD-AD9740ARRL Datasheet
1Mb / 32P
10-Bit, 210 MSPS TxDAC D/A Converter
REV. B
AD9740 AD-AD9740_15 Datasheet
1Mb / 32P
10-Bit, 210 MSPS TxDAC D/A Converter
REV. B
AD9748 AD-AD9748_15 Datasheet
712Kb / 24P
8-Bit, 210 MSPS TxDAC D/A Converter
REV. B
logo
Intersil Corporation
ISL5761IBZ INTERSIL-ISL5761IBZ Datasheet
636Kb / 14P
10-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
September 15, 2015
logo
Analog Devices
AD9410 AD-AD9410_17 Datasheet
386Kb / 21P
10-Bit 210 MSPS ADC
Rev. A
logo
Renesas Technology Corp
ISL5729 RENESAS-ISL5729 Datasheet
932Kb / 13P
Dual 10-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
ISL5761 RENESAS-ISL5761 Datasheet
945Kb / 14P
10-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
logo
Analog Devices
AD9744 AD-AD9744_V01 Datasheet
1Mb / 32P
14-Bit, 210 MSPS TxDAC짰 D/A Converter
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com