Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9410 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9410
Description  10-Bit, 210 MSPS A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9410 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9410 Datasheet HTML 2Page - Analog Devices AD9410 Datasheet HTML 3Page - Analog Devices AD9410 Datasheet HTML 4Page - Analog Devices AD9410 Datasheet HTML 5Page - Analog Devices AD9410 Datasheet HTML 6Page - Analog Devices AD9410 Datasheet HTML 7Page - Analog Devices AD9410 Datasheet HTML 8Page - Analog Devices AD9410 Datasheet HTML 9Page - Analog Devices AD9410 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
REV. 0
AD9410
–6–
PIN FUNCTION DESCRIPTIONS
Pin No.
Mnemonic
Function
1, 2, 8, 9, 12, 13, 16, 17, 20, 21, 24,
AGND
Analog Ground.
27, 28, 29, 30, 71, 72, 73, 74, 77, 78
3, 7, 14, 15
VCC
5 V Supply. (Regulate to within
±5%.)
4
REFOUT
Internal Reference Output.
5
REFIN
Internal Reference Input.
6
DNC
Do Not Connect.
10
AIN
Analog Input—True.
11
AIN
Analog Input—Complement.
18
ENCODE
Clock Input—True.
19
ENCODE
Clock Input—Complement.
22
DS
Data Sync (Input)—True. Tie LOW if not used.
23
DS
Data Sync (Input)—Complement. Float and decouple with 0.1
µF
capacitor if not used.
25, 26, 31, 32, 69, 70, 75, 76
VD
3.3 V Analog Supply. (Regulate to within
±5%.)
33, 40, 49, 52, 59, 68
DGND
Digital Ground.
34, 41, 48, 53, 60, 67
VDD
3.3 V Digital Output Supply. (2.5 V to 3.6 V)
35–39
DB0–DB4
Digital Data Output for Channel B. (LSB = DB0.)
42–46
DB5–DB9
Digital Data Output for Channel B. (MSB = DB9.)
47
ORB
Data Overrange for Channel B.
50
DCO
Clock Output—Complement.
51
DCO
Clock Output—True.
54–58
DA0–DA4
Digital Data Output for Channel A. (LSB = DA0.)
61–65
DA5–DA9
Digital Data Output for Channel A. (MSB = DA9.)
66
ORA
Data Overrange for Channel A.
79
DFS
Data Format Select. HIGH = Two’s Complement, LOW = Binary.
80
I/P
Interleaved or Parallel Output Mode. Low = Parallel Mode, High =
Interleaved Mode. If tying high, use a current limiting series resistor
(2.5 k
Ω) to the 5 V supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com