Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM32-1B Datasheet (PDF) - Lascar Electronics

EM32-1B Datasheet PDF - Lascar Electronics
Part # EM32-1B
Download  EM32-1B Download
File Size   119.99 Kbytes
Page   4 Pages
Manufacturer  LASCAR [Lascar Electronics]
Direct Link  lascarelectronics.com
Logo LASCAR - Lascar Electronics
Description Round Hole Mounting LCD Voltmeter

EM32-1B Datasheet (PDF)

Go To PDF Page Download Datasheet
EM32-1B Datasheet PDF - Lascar Electronics

Part # EM32-1B
Download  EM32-1B Click to download

File Size   119.99 Kbytes
Page   4 Pages
Manufacturer  LASCAR [Lascar Electronics]
Direct Link  lascarelectronics.com
Logo LASCAR - Lascar Electronics
Description Round Hole Mounting LCD Voltmeter

EM32-1B Datasheet (HTML) - Lascar Electronics


EM32-1B Product details

PRODUCT DESCRIPTION
The EM32-1B is a 3 ½ digit LCD voltmeter which is designed to be panel mounted in most low and medium volume applications. The meter features8mmdigit height, 3 decimal points, auto-polarity, auto-zero, 200mV full scale reading and a very low current consumption. This product is designed so no soldering is required. Connection is via screw terminals, and options are selected via jumper links. The module features a round metal bezel, requiring a 32.5mm (1.28") diameter cut-out. It is secured with the nut provided. Protection from the front to IP 67 / NEMA 4X standards is achieved by placing the rubber seal between the module and panel during assembly.

FEATURES
• 8mm (0.31") Digit Height
• 200mV d.c. Full Scale Reading
• 3.5 to 6.5V or 7.5 to 14.0V Operation
• Auto-zero and Auto-polarity
• Selectable Decimal Points
• Requires 32.5mm (1.28") Diameter Cut-out
• IP67 / NEMA 4X Protected

TYPICAL APPLICATIONS
• Panel Mount Instrumentation
• Process & Control
• Automotive




Similar Part No. - EM32-1B

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM32100 EMC-EM32100 Datasheet
325Kb / 13P
8/10 DIGIT LCD DRIVER
EM32117 EMC-EM32117 Datasheet
193Kb / 21P
16DIGITLCDDRIVERWITHCHECKTIMEFUNCTION
EM32117Q EMC-EM32117Q Datasheet
193Kb / 21P
16DIGITLCDDRIVERWITHCHECKTIMEFUNCTION
logo
Eaton All Rights Reserv...
EM3225 EATON-EM3225 Datasheet
2Mb / 11P
EuroMag Series PCB Mount Terminal Blocks
EM322502 EATON-EM322502 Datasheet
2Mb / 11P
EuroMag Series PCB Mount Terminal Blocks
More results


Similar Description - EM32-1B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DPM3AS-BL ETC2-DPM3AS-BL Datasheet
274Kb / 4P
3쩍 Digit Backlit LCD Voltmeter Module
logo
Renesas Technology Corp
M16C26A-V RENESAS-M16C26A-V Datasheet
510Kb / 15P
Sample Program (Voltmeter)
logo
Asahikeiki Co.,Ltd.
AP-310 ASAHI-AP-310 Datasheet
48Kb / 1P
DC VOLTMETER & AMMETER
logo
SELEC Controls Pvt. Ltd
MV15 SELEC-MV15 Datasheet
454Kb / 2P
Digital Voltmeter
MV305 SELEC-MV305 Datasheet
349Kb / 1P
Digital Voltmeter
MV507 SELEC-MV507 Datasheet
393Kb / 1P
Digital Voltmeter
MV2307 SELEC-MV2307 Datasheet
407Kb / 1P
Digital Voltmeter
logo
NHP Electrical Engineer...
RQ48E-VAC-300V NHP-RQ48E-VAC-300V Datasheet
996Kb / 3P
VOLTMETER 300V AC
11 October 2022,
RQ96EVAC300V NHP-RQ96EVAC300V Datasheet
996Kb / 3P
VOLTMETER 300V AC
11 October 2022,
RQ96EVAC500V NHP-RQ96EVAC500V Datasheet
996Kb / 3P
VOLTMETER 500V AC
11 October 2022,
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com