Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF40101 Datasheet (PDF) - STMicroelectronics

HCF40101 Datasheet PDF - STMicroelectronics
Part # HCF40101
Download  HCF40101 Download
File Size   268.03 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 9-BIT PARITY GENERATOR/CHECKER

HCF40101 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCF40101 Datasheet PDF - STMicroelectronics

Part # HCF40101
Download  HCF40101 Click to download

File Size   268.03 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 9-BIT PARITY GENERATOR/CHECKER

HCF40101 Datasheet (HTML) - STMicroelectronics


HCF40101 Product details

DESCRIPTION
The HCC40101B (extended temperature range) and HCF40101B (intermediate temperature range) are monolithic integrated circuits, available in 14-lead dual in-line plastic or ceramic package and plastic micro package.
The HCC/HCF40101B is a 9-bit (8 data bits plus 1 parity bit) parity generator/checker. It may be used to detect errors in data transmission or data retrieval. Odd and even outputs facilitate odd or even parity generation and checking. When used as a parity generator, a parity bit is supplied along with the data to generate an even or odd parity output.

■ STANDARDIZED SYMMETRICAL OUTPUT CHARACTERISTICS
■ QUIESCENT CURRENT SPECIFIED AT 20V FOR HCC DEVICE
■ 5V, 10V, AND 15V PARAMETRIC RATINGS
■ INPUT CURRENT OF 100nA AT 18V AND 25°C FOR HCC DEVICE
■ 100% TESTED FOR QUIESCENT CURRENT
■ MEETS ALL REQUIREMENTS OF JEDECTENTATIVE
   STANDARDN°13A, ”STANDARD SPECIFICATIONS
   FOR DESCRIPTION OF ”B”
   SERIES CMOS DEVICES”




Similar Part No. - HCF40101

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4010 STMICROELECTRONICS-HCF4010 Datasheet
302Kb / 13P
HEX BUFFER/CONVERTERS
Sep-1988
HCF4010 STMICROELECTRONICS-HCF4010 Datasheet
270Kb / 14P
DUAL 2-INPUT NAND BUFFER/DRIVER
Sep-1988
HCF4010 STMICROELECTRONICS-HCF4010 Datasheet
484Kb / 13P
Hex buffer/converter (non-inverting)
13-Jan-2014
HCF40100B STMICROELECTRONICS-HCF40100B Datasheet
287Kb / 13P
32-STAGE STATIC LEFT/RIGHT SHIFT REGISTER
Jun-1989
HCF40100BC1 STMICROELECTRONICS-HCF40100BC1 Datasheet
287Kb / 13P
32-STAGE STATIC LEFT/RIGHT SHIFT REGISTER
Jun-1989
More results


Similar Description - HCF40101

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC280 NSC-54AC280 Datasheet
183Kb / 6P
9-Bit Parity Generator/Checker
54F280DM NSC-54F280DM Datasheet
152Kb / 8P
9-Bit Parity Generator/Checker
logo
Fairchild Semiconductor
74AC280 FAIRCHILD-74AC280 Datasheet
65Kb / 6P
9-Bit Parity Generator/Checker
DM74S280 FAIRCHILD-DM74S280 Datasheet
62Kb / 5P
9-Bit Parity Generator/Checker
logo
Hitachi Semiconductor
HD74AC280 HITACHI-HD74AC280 Datasheet
52Kb / 9P
9-bit Parity Generator/Checker
logo
Toshiba Semiconductor
TC74AC280P TOSHIBA-TC74AC280P Datasheet
265Kb / 7P
9 - BIT PARITY GENERATOR CHECKER
logo
Motorola, Inc
MC54F280 MOTOROLA-MC54F280 Datasheet
39Kb / 3P
9-BIT PARITY GENERATOR/CHECKER
logo
Toshiba Semiconductor
TC74HC280AP TOSHIBA-TC74HC280AP_07 Datasheet
335Kb / 9P
9-Bit Parity Generator/Checker
logo
Renesas Technology Corp
HD74AC280 RENESAS-HD74AC280 Datasheet
214Kb / 8P
9-bit Parity Generator/Checker
logo
Texas Instruments
74AC11280 TI1-74AC11280 Datasheet
99Kb / 5P
9-BIT PARITY GENERATOR/CHECKER
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com