Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF40100B Datasheet (PDF) - STMicroelectronics

HCF40100B Datasheet PDF - STMicroelectronics
Part # HCF40100B
Download  HCF40100B Download
File Size   287.23 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 32-STAGE STATIC LEFT/RIGHT SHIFT REGISTER

HCF40100B Datasheet (PDF)

Go To PDF Page Download Datasheet
HCF40100B Datasheet PDF - STMicroelectronics

Part # HCF40100B
Download  HCF40100B Click to download

File Size   287.23 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 32-STAGE STATIC LEFT/RIGHT SHIFT REGISTER

HCF40100B Datasheet (HTML) - STMicroelectronics


HCF40100B Product details

DESCRIPTION
The HCC40100B (extended temperature range) and HCF40100B (intermediate temperature range) are monolithic integrated circuits, available in 16-lead dual in-line plastic or ceramic package and plastic micro package. The HCC/HCF40100B is a 32-stage shift register containing 32 D-type master-slave flip-flops.

■ FULLY STATIC OPERATION
■ SHIFT LEFT/SHIFT RIGHT CAPABILITY
■ MULTIPLE PACKAGE CASCADING
■ RECIRCULATE CAPABILITY
■ LIFO OR FIFO CAPABILITY
■ STANDARDIZED SYMMETRICAL OUTPUT CHARACTERISTICS
■ QUIESCENT CURRENT SPECIFIED AT 20V FOR HCC DEVICE
■ 5V, 10V, AND 15V PARAMETRIC RATINGS
■ INPUT CURRENT OF 100nA AT 18V AND 25°C FOR HCC DEVICE
■ 100% TESTED FOR QUIESCENT CURRENT
■ MEETS ALL REQUIREMENTS OF JEDECTENTATIVE
   STANDARD No. 13A, ”STANDARD
   SPECIFICATIONS FOR DESCRIPTION OF ”B”
   SERIES CMOS DEVICES”




Similar Part No. - HCF40100B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4010 STMICROELECTRONICS-HCF4010 Datasheet
302Kb / 13P
HEX BUFFER/CONVERTERS
Sep-1988
HCF4010 STMICROELECTRONICS-HCF4010 Datasheet
268Kb / 11P
9-BIT PARITY GENERATOR/CHECKER
Jun-1989
HCF4010 STMICROELECTRONICS-HCF4010 Datasheet
270Kb / 14P
DUAL 2-INPUT NAND BUFFER/DRIVER
Sep-1988
HCF4010 STMICROELECTRONICS-HCF4010 Datasheet
484Kb / 13P
Hex buffer/converter (non-inverting)
13-Jan-2014
HCF40101 STMICROELECTRONICS-HCF40101 Datasheet
268Kb / 11P
9-BIT PARITY GENERATOR/CHECKER
Jun-1989
More results


Similar Description - HCF40100B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4006B PHILIPS-HEF4006B Datasheet
53Kb / 5P
18-stage static shift register
January 1995
HEF4031B PHILIPS-HEF4031B Datasheet
76Kb / 7P
64-stage static shift register
January 1995
logo
STMicroelectronics
HCC4006B STMICROELECTRONICS-HCC4006B Datasheet
260Kb / 11P
18-STAGE STATIC SHIFT REGISTER
Jun-1989
HCC4031B STMICROELECTRONICS-HCC4031B Datasheet
241Kb / 12P
64-STAGE STATIC SHIFT REGISTER
Jun-1989
logo
Fairchild Semiconductor
CD4014BC FAIRCHILD-CD4014BC Datasheet
67Kb / 7P
8-Stage Static Shift Register
CD4021BC FAIRCHILD-CD4021BC Datasheet
70Kb / 7P
8-Stage Static Shift Register
logo
Intersil Corporation
CD40100BMS INTERSIL-CD40100BMS Datasheet
65Kb / 9P
CMOS 32-Stage Static Left/Right Shift Register
December 1992
logo
National Semiconductor ...
CD4014BM NSC-CD4014BM Datasheet
142Kb / 6P
8-Stage Static Shift Register
CD4031BM NSC-CD4031BM Datasheet
145Kb / 6P
64-Stage Static Shift Register
logo
Fairchild Semiconductor
CD4021BC FAIRCHILD-CD4021BC_02 Datasheet
77Kb / 7P
8-Stage Static Shift Register
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com