Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1965801 Datasheet (PDF) - PHOENIX CONTACT

1965801 Datasheet PDF - PHOENIX CONTACT
Part # 1965801
Download  1965801 Download
File Size   1768.74 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTB 2,5/ 4-ST CRWH - PCB connector

1965801 Datasheet (PDF)

Go To PDF Page Download Datasheet
1965801 Datasheet PDF - PHOENIX CONTACT

Part # 1965801
Download  1965801 Click to download

File Size   1768.74 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTB 2,5/ 4-ST CRWH - PCB connector

1965801 Datasheet (HTML) - PHOENIX CONTACT


1965801 Product details

PCB connector, nominal cross section: 2.5 mm2, color: cream, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Sn, contact connection type: Socket, number of potentials:
4, number of rows: 1, number of positions: 4, number of connections: 4, product range: MSTB
2,5/..-ST, pitch: 5 mm, connection method: Screw connection with tension sleeve, screw head
form: L Slotted, conductor/PCB connection direction: 0 °, locking clip: - Locking clip, plug-in
system: COMBICON MSTB 2,5, locking: without, mounting method: without, type of packaging:
packed in cardboard




Similar Part No. - 1965801

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1965814 PHOENIX-1965814 Datasheet
97Kb / 2P
MSTBVA 2,5/ 4-G CRWH
1965827 PHOENIX-1965827 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTBW 2,5/ 3-G JC DKGY
1965830 PHOENIX-1965830 Datasheet
59Kb / 5P
Printed-circuit board connector - FKCT 2,5/ 4-ST BK
1965843 PHOENIX-1965843 Datasheet
42Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 5-STF (135)
More results


Similar Description - 1965801

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1754481 PHOENIX-1754481 Datasheet
142Kb / 6P
MSTB 2,5/ 4-ST
1756155 PHOENIX-1756155 Datasheet
104Kb / 2P
MSTB 2,5/ 7-ST CRWH
1757035 PHOENIX-1757035 Datasheet
148Kb / 7P
MSTB 2,5/ 4-ST-5,08
1972807 PHOENIX-1972807 Datasheet
42Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 2-ST CRWH
1706545 PHOENIX-1706545 Datasheet
42Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 6-ST CRWH
1756126 PHOENIX-1756126 Datasheet
104Kb / 2P
MSTB 2,5/ 4-ST OG
1815947 PHOENIX-1815947 Datasheet
77Kb / 3P
MSTB 2,5/ 4-ST-5,08 WH
1706427 PHOENIX-1706427 Datasheet
92Kb / 4P
MSTB 2,5/ 4-ST-5,08 GY7035
12/07/2018
1754821 PHOENIX-1754821 Datasheet
1Mb / 22P
PCB connector - MSTB 2,5/21-ST
Nov 30, 2022
1754847 PHOENIX-1754847 Datasheet
1Mb / 21P
PCB connector - MSTB 2,5/22-ST
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com