Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP112 Datasheet (PDF) - Texas Instruments

TMP112 Datasheet PDF - Texas Instruments
Part # TMP112
Download  TMP112 Download
File Size   1486.87 Kbytes
Page   46 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMP112-Q1 and TMP112D-Q1 Automotive Grade High-Accuracy, Low-Power, Digital Temperature Sensor in SOT563 and X2SON Packages

TMP112 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMP112 Datasheet PDF - Texas Instruments

Part # TMP112
Download  TMP112 Click to download

File Size   1486.87 Kbytes
Page   46 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMP112-Q1 and TMP112D-Q1 Automotive Grade High-Accuracy, Low-Power, Digital Temperature Sensor in SOT563 and X2SON Packages

TMP112 Datasheet (HTML) - Texas Instruments


TMP112 Product details

1 Features
• AEC-Q100 qualified for automotive applications:
– TMP112-Q1/TMP112D-Q1: –40°C to 125°C
– Device HBM ESD classification level 2
– Device CDM ESD classification level C6
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
• TMP112-Q1 Accuracy without calibration:
– ±0.5°C (Max) over 0°C to 65°C
– ±1°C (Max) over –40°C to 125°C
• TMP112D-Q1 Accuracy without calibration:
– ±0.4°C (Max) over 0°C to 65°C
– ±0.5°C (Max) over -25°C to 85°C
– ±0.7°C (Max) over –40°C to 125°C
• Low quiescent current:
– TMP112-Q1: 10μA active (Max), 1μA shutdown
(Max)
– TMP112D-Q1: 9μA active (Max), 0.35μA
shutdown (Max)
• Available packages:
– SOT563 package (1.6mm × 1.6mm)
– X2SON package (0.8mm × 0.8mm)
• Supply range: 1.4V to 3.6V
• Resolution: 12 bits
• Digital output: SMBus, two-wire and I2C interface
compatibility

2 Applications
• Automotive
• Infotainment & cluster
• Head unit & digital cockpit
• In-cabin sensing
• Battery management unit
• Vehicle control unit (VCU)
• Surround view system ECU

3 Description
The TMP112-Q1 and TMP112D-Q1 devices are
digital temperature sensors designed for NTC/PTC
thermistor replacement where high accuracy is
required. These devices offer an accuracy of ±0.4°C/
±0.5°C without requiring calibration or external
component signal conditioning. TMP112-Q1 and
TMP112D-Q1 are highly linear and do not require
complex calculations or lookup tables to derive the
temperature. The calibrating for improved accuracy
feature in TMP112-Q1 (see the Calibrating for
Improved Accuracy section) allows users to calibrate
for an accuracy as good as ±0.17°C. The on-chip 12-
bit ADC offers resolutions down to 0.0625°C.
TMP112-Q1 and TMP112D-Q1 come with 0.8mm ×
0.8mm X2SON (DPW) and 1.6mm × 1.6mm SOT563
(DRL) packages. These devices feature SMBus™,
two-wire and I2C interface compatibility, and allow up
to four devices on one bus along with SMBus alert
function. These devices are specified to operate over
1.4V to 3.6V supply voltage. The maximum quiescent
current is around 10μA over the full operating range.




Similar Part No. - TMP112

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP112 TI-TMP112 Datasheet
539Kb / 24P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP112 TI-TMP112 Datasheet
625Kb / 25P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP112 TI1-TMP112 Datasheet
946Kb / 33P
TMP112-Q1 Automotive Grade High-Accuracy, Low-Power, Digital Temperature Sensor in SOT563
TMP112 TI1-TMP112 Datasheet
955Kb / 30P
Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP112 TI1-TMP112 Datasheet
982Kb / 32P
High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563
More results


Similar Description - TMP112

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP112 TI-TMP112 Datasheet
539Kb / 24P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP112 TI-TMP112_1 Datasheet
625Kb / 25P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP112 TI1-TMP112_15 Datasheet
988Kb / 35P
TMP112 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP112-Q1 TI1-TMP112-Q1 Datasheet
946Kb / 33P
TMP112-Q1 Automotive Grade High-Accuracy, Low-Power, Digital Temperature Sensor in SOT563
TMP102-Q1 TI-TMP102-Q1 Datasheet
854Kb / 29P
TMP102-Q1 Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP102 TI1-TMP102_17 Datasheet
955Kb / 30P
Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP112 TI1-TMP112_18 Datasheet
982Kb / 32P
High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563
HDC3020-Q1 TI-HDC3020-Q1 Datasheet
1Mb / 46P
HDC3020-Q1 Automotive High-Accuracy, Low-Power, Digital Humidity and Temperature Sensor With Ultra-Low Drift
TLV9022-Q1 TI-TLV9022-Q1_V02 Datasheet
2Mb / 43P
TLV902x-Q1 and TLV903x-Q1 High-Precision Dual and Quad Automotive Comparators
REVISED AUGUST 2021
TMP127-Q1 TI-TMP127-Q1 Datasheet
1Mb / 27P
TMP127-Q1 High-Accuracy, Low-Power, Digital Temperature Sensor With 3-Wire, SPICompatible Interface
DECEMBER 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com