Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP112 Datasheet(PDF) 8 Page - Texas Instruments

Part # TMP112
Description  TMP112-Q1 and TMP112D-Q1 Automotive Grade High-Accuracy, Low-Power, Digital Temperature Sensor in SOT563 and X2SON Packages
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP112 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMP112 Datasheet HTML 4Page - Texas Instruments TMP112 Datasheet HTML 5Page - Texas Instruments TMP112 Datasheet HTML 6Page - Texas Instruments TMP112 Datasheet HTML 7Page - Texas Instruments TMP112 Datasheet HTML 8Page - Texas Instruments TMP112 Datasheet HTML 9Page - Texas Instruments TMP112 Datasheet HTML 10Page - Texas Instruments TMP112 Datasheet HTML 11Page - Texas Instruments TMP112 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
At TA = 25°C and V+ = 1.4V to 3.6V, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IDD_AVG
Average current
consumption
Serial bus inactive, CR1 = 1, CR0 = 0
(default)
TMP112-Q1
7
10
µA
Serial bus active, fSCL = 400kHz
15
Serial bus active, fSCL = 3.4MHz
85
Serial bus inactive, CR1 = 0, CR0 = 1
TMP112D-Q1
3.2
6
µA
Serial bus inactive, CR1 = 1, CR0 = 0
(default)
4.8
9
Serial bus active, fSCL = 400kHz
10
Serial bus active, fSCL = 1MHz
18
Serial bus active, fSCL = 2.85MHz
40
IDD_SD
Shutdown current
Serial bus inactive
TMP112-Q1
0.5
1
µA
Serial bus active, fSCL = 400kHz
10
Serial bus active, fSCL = 3.4MHz
80
Serial bus inactive
TMP112D-Q1
0.15
0.35
µA
Serial bus active, fSCL = 400kHz
5.5
Serial bus active, fSCL = 1MHz
13
Serial bus active, fSCL = 2.85MHz
35
IDD_SB
Standby current
Continuous conversion mode Serial
bus idle
TMP112-Q1
2.2
µA
TMP112D-Q1
2.6
6.6 Specifications for User-Calibrated Systems (TMP112-Q1 Only)
For additional information on the slopes listed in this table, see the Calibrating for Improved Accuracy section.
PARAMETER
CONDITION
MIN
MAX
UNIT
Average Slope (Temperature Error vs. Temperature)(1)
V+ = 3.3, –40°C to 25°C
-7
0
m°C/°C
V+ = 3.3, 25°C to 85°C
0
5
V+ = 3.3, 85°C to 125°C
0
8
(1)
User-calibrated temperature accuracy can be within ±1LSB because of quantization noise
TMP112-Q1, TMP112D-Q1
SLOS887G – SEPTEMBER 2014 – REVISED MAY 2025
www.ti.com
8
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMP112-Q1 TMP112D-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com