Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP112 Datasheet(PDF) 30 Page - Texas Instruments

Part # TMP112
Description  TMP112-Q1 and TMP112D-Q1 Automotive Grade High-Accuracy, Low-Power, Digital Temperature Sensor in SOT563 and X2SON Packages
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP112 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TMP112 Datasheet HTML 26Page - Texas Instruments TMP112 Datasheet HTML 27Page - Texas Instruments TMP112 Datasheet HTML 28Page - Texas Instruments TMP112 Datasheet HTML 29Page - Texas Instruments TMP112 Datasheet HTML 30Page - Texas Instruments TMP112 Datasheet HTML 31Page - Texas Instruments TMP112 Datasheet HTML 32Page - Texas Instruments TMP112 Datasheet HTML 33Page - Texas Instruments TMP112 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
8.1.1.1 Example 1: Finding Worst-Case Accuracy From –15°C to 50°C
As an example, if the user is concerned only about the temperature accuracy between –15°C to 50°C, the
worst-case accuracy can be determined by using the two slope calculations shown in Equation 2 and Equation
4:
(
)
(
)
Accuracy
Accuracy
T
Slope
worst case
25 C
=
+ D ´
-
°
(2)
(
)
(
)
m C
Accuracy
0.3 C
15 C
25 C
7
0.58 C
C
MAX[ 15 C to 25 C]
°
æ
ö
=
° + - ° -
°
´ -
=
°
ç
÷
°
è
ø
- °
°
(3)
(
)
(
)
(
)
Accuracy
Accuracy
T
Slope2
MAX[25 C to 50 C]
25 C
MAX
=
+ D ´
°
°
°
(4)
(
)
(
)
m C
Accuracy
0.3 C
50 C
25 C
5
0.425 C
C
MAX[25 C to 50 C]
°
æ
ö
=
° +
° -
°
´
=
°
ç
÷
°
è
ø
°
°
(5)
The same calculations must be applied to the minimum case:
(
)
(
)
(
)
Accuracy
Accuracy
T
Slope1
MIN[ 15 C to 25 C]
25 C
MIN
=
+ D ´
-
°
°
°
(6)
(
)
(
)
m C
Accuracy
0.5 C
15 C
25 C
0
0.5 C
C
MIN[ 15 C to 25 C]
é
ù
°
æ
ö
= -
° + - ° -
°
´
= -
°
ç
÷
ê
ú
°
è
ø
ë
û
- °
°
(7)
(
)
(
)
(
)
Accuracy
Accuracy
T
Slope2
MIN[25 C to 50 C]
25 C
MIN
=
+ D ´
°
°
°
(8)
(
)
(
)
m C
Accuracy
0.5 C
50 C
25 C
0
0.5 C
C
MIN[25 C to 50 C]
é
ù
°
æ
ö
= -
° +
° -
°
´
= -
°
ç
÷
ê
ú
°
è
ø
ë
û
°
°
(9)
Based on these calculations, a user can expect a worst-case accuracy of 0.58°C to –0.5°C in the temperature
range of –15°C to 50°C.
8.1.1.2 Example 2: Finding Worst-Case Accuracy From 25°C to 100°C
If the desired temperature range falls in the region of slope 3, first calculate the worst-case value from 25°C to
85°C and add the value to the change in temperature multiplied by the span error of slope 3. As an example,
consider the temperature range of 25°C to 125°C as shown in Equation 10:
(
)
(
)
(
)
(
)
Accuracy
Accuracy
T
Slope2
T
Slope3
MAX[25 C to 100 C]
25 C
MAX
MAX
=
+ D ´
+ D
´
°
°
°
(10)
(
)
(
)
(
)
m C
m C
Accuracy
0.3 C
85 C
25 C
4.5
100 C 85 C
8
0.69 C
C
C
MAX[25 C to 100 C]
°
°
æ
ö
æ
ö
=
° +
° -
°
´
+
° -
°
´
=
°
ç
÷
ç
÷
°
°
è
ø
è
ø
°
°
(11)
Then perform the same calculation for the minimum case as shown in Equation 12:
(
)
(
)
(
)
(
)
Accuracy
Accuracy
T
Slope2
T
Slope3
MIN[25 C to 100 C]
25 C
MIN
MIN
=
+ D ´
+ D
´
°
°
°
(12)
(
)
(
)
(
)
m C
m C
Accuracy
0.5 C
85 C
25 C
0
100 C
85 C
0
0.5 C
C
C
MIN[25 C to 100 C]
é
ù é
ù
°
°
æ
ö
æ
ö
= -
° +
° -
°
´
+
° -
°
´
= -
°
ç
÷
ç
÷
ê
ú ê
ú
°
°
è
ø
è
ø
ë
û ë
û
°
°
(13)
TMP112-Q1, TMP112D-Q1
SLOS887G – SEPTEMBER 2014 – REVISED MAY 2025
www.ti.com
30
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMP112-Q1 TMP112D-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com