Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX6211 Datasheet (PDF) - Texas Instruments

TMUX6211 Datasheet PDF - Texas Instruments
Part # TMUX6211
Download  TMUX6211 Download
File Size   2762.95 Kbytes
Page   45 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMUX621x 36V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with 1.8V Logic

TMUX6211 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMUX6211 Datasheet PDF - Texas Instruments

Part # TMUX6211
Download  TMUX6211 Click to download

File Size   2762.95 Kbytes
Page   45 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMUX621x 36V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with 1.8V Logic

TMUX6211 Datasheet (HTML) - Texas Instruments


TMUX6211 Product details

1 Features
• Dual supply range: ±4.5V to ±18V
• Single supply range: 4.5V to 36V
• Low on-resistance: 2Ω
• High current support: 330mA (maximum) (WQFN)
• High current support: 220mA (maximum) (TSSOP)
• –40°C to +125°C operating temperature
• 1.8V logic compatible
• Integrated pull-down resistor on logic pins
• Fail-safe logic
• Rail-to-rail operation
• Bidirectional operation

2 Applications
• Sample-and-hold circuits
• Feedback gain switching
• Signal isolation
• Field transmitters
• Programmable logic controllers (PLC)
• Factory automation and control
• Ultrasound scanners
• Patient monitoring and diagnostics
• Electrocardiogram (ECG)
• Data acquisition systems (DAQ)
• Semiconductor test equipment
• LCD test
• Instrumentation: lab, analytical, portable
• Ultrasonic smart meters: water and gas
• Optical networking
• Optical test equipment

3 Description
The TMUX6211, TMUX6212, and TMUX6213 are
complementary metal-oxide semiconductor (CMOS)
switches with four independently selectable 1:1,
single-pole, single-throw (SPST) switch channels. The
devices work with a single supply (4.5V to 36V),
dual supplies (±4.5V to ±18V), or asymmetric supplies
(such as VDD = 12V, VSS = –5V). The TMUX621x
supports bidirectional analog and digital signals on the
source (Sx) and drain (Dx) pins ranging from VSS to
VDD.
The switches of the TMUX621x are controlled with
appropriate logic control inputs on the SELx pins. The
TMUX621x are part of the precision switches and
multiplexers family of devices and have very low on
and off leakage currents allowing them to be used in
high precision measurement applications.




Similar Part No. - TMUX6211

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX6211 TI-TMUX6211 Datasheet
909Kb / 26P
TMUX621x 36-V, Low-Ron, 1:1 (SPST), 4-Channel Precision Switches with 1.8-V Logic
TMUX6211PWR TI-TMUX6211PWR Datasheet
909Kb / 26P
TMUX621x 36-V, Low-Ron, 1:1 (SPST), 4-Channel Precision Switches with 1.8-V Logic
TMUX6211RUMR TI-TMUX6211RUMR Datasheet
909Kb / 26P
TMUX621x 36-V, Low-Ron, 1:1 (SPST), 4-Channel Precision Switches with 1.8-V Logic
More results


Similar Description - TMUX6211

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX6211 TI-TMUX6211 Datasheet
909Kb / 26P
TMUX621x 36-V, Low-Ron, 1:1 (SPST), 4-Channel Precision Switches with 1.8-V Logic
TMUX7211 TI-TMUX7211 Datasheet
2Mb / 40P
TMUX721x 44-V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with Latch-Up Immunity and 1.8-V Logic
TMUX7211 TI-TMUX7211_V01 Datasheet
2Mb / 42P
TMUX721x 44 V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with Latch-Up Immunity and 1.8-V Logic
TMUX7212-Q1 TI-TMUX7212-Q1 Datasheet
2Mb / 48P
TMUX7212-Q1 44 V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with Latch-Up Immunity and 1.8-V Logic
SEPTEMBER 2021
TMUX6201 TI-TMUX6201 Datasheet
1Mb / 41P
TMUX620x 36 V, Low-RON, 1:1 (SPST), 1-Channel Precision Switch With 1.8-V Logic
REVISED MARCH 2023
TMUX6221 TI-TMUX6221 Datasheet
1Mb / 36P
TMUX622x 36 V, Low-RON, 1:1 (SPST), 2-Channel Switches with 1.8-V Logic
MARCH 2023
TMUX7612 TI1-TMUX7612 Datasheet
1Mb / 34P
TMUX7612 50 V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with 1.8-V Logic
AUGUST 2023
TMUX6221 TI-TMUX6221_V01 Datasheet
1Mb / 35P
TMUX622x 36 V, Low-RON, 1:1 (SPST), 2-Channel Switches with 1.8-V Logic
REVISED SEPTEMBER 2023
TMUX7612-Q1 TI-TMUX7612-Q1 Datasheet
1Mb / 32P
TMUX7612-Q1 Automotive 50 V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with 1.8-V Logic
AUGUST 2023
TMUX7612 TI-TMUX7612_V01 Datasheet
1Mb / 38P
TMUX7612 50 V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with 1.8-V Logic
AUGUST 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com