Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD1E01B04DPYR Datasheet (PDF) - Texas Instruments

TPD1E01B04DPYR Datasheet PDF - Texas Instruments
Part # TPD1E01B04DPYR
Download  TPD1E01B04DPYR Download
File Size   1123.52 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPD1E01B04 1-Channel ESD Protection Diode for USB Type-C and Thunderbolt 3

TPD1E01B04DPYR Datasheet (PDF)

Go To PDF Page Download Datasheet
TPD1E01B04DPYR Datasheet PDF - Texas Instruments

Part # TPD1E01B04DPYR
Download  TPD1E01B04DPYR Click to download

File Size   1123.52 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPD1E01B04 1-Channel ESD Protection Diode for USB Type-C and Thunderbolt 3

TPD1E01B04DPYR Datasheet (HTML) - Texas Instruments


TPD1E01B04DPYR Product details

1 Features
1• IEC 61000-4-2 Level 4 ESD Protection
– ±15-kV Contact Discharge
– ±17-kV Air Gap Discharge
• IEC 61000-4-4 EFT Protection
– 80 A (5/50 ns)
• IEC 61000-4-5 Surge Protection
– 2.5 A (8/20 μs)
• IO Capacitance:
– 0.18 to 0.20 pF (Typical)
– 0.20 to 0.23 pF (Maximum)
• DC Breakdown Voltage: 6.4 V (Typical)
• Ultra Low Leakage Current: 10-nA (Maximum)
• Low ESD Clamping Voltage: 15 V at 16 A TLP
• Low Insertion Loss: 26.9 GHz (–3 dB Bandwidth,
DPL)
• Supports High Speed Interfaces up to 20 Gbps
• Industrial Temperature Range: –40°C to +125°C
• Industry Standard 0201 and 0402 footprints

2 Applications
• End Equipment
– Laptops and Desktops
– Mobile and Tablets
– Set-Top Boxes
– TV and Monitors
– USB Dongles
– Docking Stations
• Interfaces
– USB Type-C
– Thunderbolt 3
– USB 3.1 Gen 2
– HDMI 2.0/1.4
– USB 3.0
– DisplayPort 1.3
– PCI Express 3

3 Description
The TPD1E01B04 is a bidirectional TVS ESD
protection diode array for USB Type-C and
Thunderbolt 3 circuit protection. The TPD1E01B04 is
rated to dissipate ESD strikes at the maximum level
specified in the IEC 61000-4-2 international standard
(Level 4).
This device features a 0.18 to 0.20-pF (typical) IO
capacitance making it ideal for protecting high-speed
interfaces up to 20 Gbps such as USB 3.1 Gen2 and
Thunderbolt 3. The low dynamic resistance and low
clamping voltage ensure system level protection
against transient events.
The TPD1E01B04 is offered in the industry standard
0201 (DPL) package and 0402 (DPY) packages.




Similar Part No. - TPD1E01B04DPYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD1E01B04DPYR TI1-TPD1E01B04DPYR Datasheet
872Kb / 22P
TPD1E01B04 1-Channel ESD Protection Diode for USB Type-C and Thunderbolt 3
logo
Shanghai Leiditech Elec...
TPD1E01B04DPYR LEIDITECH-TPD1E01B04DPYR Datasheet
475Kb / 4P
1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE
Rev 2.0 : 01.06.2021
logo
Texas Instruments
TPD1E01B04DPYRQ1 TI-TPD1E01B04DPYRQ1 Datasheet
1Mb / 21P
TPD1E01B04-Q1 Automotive 0.2-pF, 짹3.6-V, 짹15-kV ESD Protection Diode in 0402 Package
DECEMBER 2021
More results


Similar Description - TPD1E01B04DPYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4E02B04 TI1-TPD4E02B04 Datasheet
2Mb / 21P
4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
TPD1E0B04 TI1-TPD1E0B04 Datasheet
889Kb / 22P
TPD1E0B04 1-Channel ESD Protection Diode for USB Type-C and Antenna Protection
TPD1E01B04 TI1-TPD1E01B04 Datasheet
872Kb / 22P
TPD1E01B04 1-Channel ESD Protection Diode for USB Type-C and Thunderbolt 3
TPD1E04U04 TI1-TPD1E04U04 Datasheet
3Mb / 24P
TPD1E04U04 1-Channel ESD Protection Diode with Low RDYN for HDMI 2.0 and USB 3.0
ESD122 TI1-ESD122 Datasheet
1Mb / 28P
2-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
TPD4E02B04-Q1 TI1-TPD4E02B04-Q1 Datasheet
1Mb / 22P
4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
logo
Tripp Lite. All Rights ...
U428-006 TRIPPLITE-U428-006 Datasheet
163Kb / 3P
USB 3.1 Gen 1 (5 Gbps) Cable, USB Type-C (USB-C) to USB Type-A M/M, Thunderbolt 3, 6-ft.
logo
Texas Instruments
TPD1E01B04-Q1 TI-TPD1E01B04-Q1 Datasheet
1,016Kb / 20P
TPD1E01B04-Q1 Automotive 0.18-pF, 짹3.6-V, 짹15-kV ESD Protection Diode in 0402Package for USB-C & FPD-Link
logo
TECH PUBLIC Electronics...
TPD4E02B04DQAR-TP TECHPUBLIC-TPD4E02B04DQAR-TP Datasheet
1Mb / 5P
4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
TPESD3636P TECHPUBLIC-TPESD3636P Datasheet
1Mb / 5P
4=Channel ESD Protection Diode for USB Type=C and HDMI 2.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com