Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPL0102 Datasheet (PDF) - Texas Instruments

TPL0102 Datasheet PDF - Texas Instruments
Part # TPL0102
Download  TPL0102 Download
File Size   1606.31 Kbytes
Page   48 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPL0102 Two 256-Taps Digital Potentiometers With Non-Volatile Memory

TPL0102 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPL0102 Datasheet PDF - Texas Instruments

Part # TPL0102
Download  TPL0102 Click to download

File Size   1606.31 Kbytes
Page   48 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPL0102 Two 256-Taps Digital Potentiometers With Non-Volatile Memory

TPL0102 Datasheet (HTML) - Texas Instruments


TPL0102 Product details

1 Features
1• Two Potentiometers with 256-Position Resolution
• Non-volatile Memory Stores Wiper Settings
• 100 kΩ End-to-End Resistance (TPL0102-100)
• Fast Power-up Response Time to Wiper Setting:
<100 μs
• ±0.5 LSB INL, ±0.25 LSB DNL (Voltage-Divider
Mode)
• 4 ppm/°C Ratiometric Temperature Coefficient
• I2C-compatible Serial Interface
• 2.7 V to 5.5 V Single-Supply Operation
• ±2.25 V to ±2.75 V Dual-Supply Operation
• Operating Temperature Range from –40°C to
85°C
• Shutdown Mode
• ESD Performance Tested Per JESD 22
– 2000-V Human Body Model (A114-B, Class II)
– 1000-V Charged-Device Model (C101)

2 Applications
• Adjustable Gain Amplifiers and Offset Trimming
• Adjustable Power Supplies
• Precision Calibration of Set Point Thresholds
• Sensor Trimming and Calibration
• Mechanical Potentiometer Replacement

3 Description
The TPL0102 has two linear-taper digital
potentiometers (DPOTs) with 256 wiper positions.
Each potentiometer can be used as a three-terminal
potentiometer or as a two-terminal rheostat. The
TPL0102-100 has an end-to-end resistance of 100
kΩ.
The TPL0102 has non-volatile memory (EEPROM)
which can be used to store the wiper position. This is
beneficial because the wiper position is stored even
during power-off and is automatically reinstated after
power-on. The internal registers of the TPL0102 can
be accessed using the I2C interface.
The TPL0102 is available in a 14-pin MicroQFN and
14-pin TSSOP package with a specified temperature
range of –40°C to 85°C.




Similar Part No. - TPL0102

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL0102-100 TI1-TPL0102-100 Datasheet
591Kb / 24P
256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH NON-VOLATILE MEMORY
MARCH2011
TPL0102-100PWR TI1-TPL0102-100PWR Datasheet
591Kb / 24P
256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH NON-VOLATILE MEMORY
MARCH2011
TPL0102-100PWR TI1-TPL0102-100PWR Datasheet
1Mb / 45P
Two 256-Taps Digital Potentiometers
TPL0102-100QPWREP TI-TPL0102-100QPWREP Datasheet
1Mb / 36P
TPL0102-EP 256-Taps Dual-Channel Digital Potentiometer With Non-Volatile Memory
TPL0102-100RUCR TI1-TPL0102-100RUCR Datasheet
591Kb / 24P
256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH NON-VOLATILE MEMORY
MARCH2011
More results


Similar Description - TPL0102

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S-2210R ETC-S-2210R Datasheet
193Kb / 1P
NON-VOLATILE MEMORY/NON-VOLATILE RAM
logo
Winbond
WMS7201 WINBOND-WMS7201 Datasheet
318Kb / 29P
256-TAP NON-VOLATILE DIGITAL POTENTIOMETER
WMS7202 WINBOND-WMS7202 Datasheet
282Kb / 30P
256-TAP DUAL-CHANNEL NON-VOLATILE DIGITAL
logo
Maxim Integrated Produc...
MAX5391 MAXIM-MAX5391 Datasheet
2Mb / 13P
Dual 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
Rev 0; 10/09
MAX5386 MAXIM-MAX5386_10 Datasheet
2Mb / 13P
Dual, 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
Rev 2; 1/10
logo
Texas Instruments
TPL0102-100 TI1-TPL0102-100 Datasheet
591Kb / 24P
256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH NON-VOLATILE MEMORY
MARCH2011
TPL0102 TI-TPL0102_15 Datasheet
1Mb / 45P
TPL0102 Two 256-Taps Digital Potentiometers With Non-Volatile Memory
TPL0102-EP TI-TPL0102-EP_15 Datasheet
1Mb / 36P
TPL0102-EP 256-Taps Dual-Channel Digital Potentiometer With Non-Volatile Memory
TPL0102 TI1-TPL0102_15 Datasheet
1Mb / 45P
Two 256-Taps Digital Potentiometers
logo
Maxim Integrated Produc...
MAX5386 MAXIM-MAX5386_V01 Datasheet
1Mb / 13P
Dual, 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com