Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPL0102 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPL0102
Description  TPL0102 Two 256-Taps Digital Potentiometers With Non-Volatile Memory
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPL0102 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPL0102 Datasheet HTML 4Page - Texas Instruments TPL0102 Datasheet HTML 5Page - Texas Instruments TPL0102 Datasheet HTML 6Page - Texas Instruments TPL0102 Datasheet HTML 7Page - Texas Instruments TPL0102 Datasheet HTML 8Page - Texas Instruments TPL0102 Datasheet HTML 9Page - Texas Instruments TPL0102 Datasheet HTML 10Page - Texas Instruments TPL0102 Datasheet HTML 11Page - Texas Instruments TPL0102 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
-0.4
-0.2
0
0.2
0.4
0
32
64
96
128
160
192
224
Digital Code
T = -40°C
A
T = 25°C
A
T = 85°C
A
V
= 5 V
DD
0
0.1
0.2
0.3
0.4
0
32
64
96
128
160
192
224
Digital Code
T = -40°C
A
T = 25°C
A
T = 85°C
A
-0.1
-0.2
-0.3
V
= 5 V
DD
0
32
64
96
128
160
192
224
Digital Code
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
V = 5 V
I
V = 2.7 V
I
V = 5.5 V
I
T = 25°C
A
0
32
64
96
128
160
192
224
Digital Code
V = 5 V
I
V = 2.7 V
I
V = 5.5 V
I
T = 25°C
A
-0.1
0
0.1
0.2
0.3
0.4
0
32
64
96
128
160
192
224
Digital Code
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
T = 85°C
A
T = 25°C
A
T = -40°C
A
V
= 5 V
DD
-0.1
0
0.1
0.2
0.3
0.4
0
32
64
96
128
160
192
224
Digital Code
T = 85°C
A
T = 25°C
A
T = -40°C
A
V
= 5 V
DD
8
TPL0102
SLIS134C – MARCH 2011 – REVISED SEPTEMBER 2015
www.ti.com
Product Folder Links: TPL0102
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
6.8 Typical Characteristics
Figure 1. Voltage Divider Mode INL vs Digital Code (VDD = 5
V)
Figure 2. Voltage Divider Mode DNL vs Digital Code (VDD = 5
V)
Figure 3. Voltage Divider Mode INL vs Digital Code (25°C)
Figure 4. Voltage Divider Mode DNL vs Digital Code (25°C)
Figure 5. Rheostat Mode RINL vs Digital Code (VDD = 5 V)
Figure 6. Rheostat Mode RDNL vs Digital Code (VDD = 5 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com