Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPL0102 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPL0102
Description  TPL0102 Two 256-Taps Digital Potentiometers With Non-Volatile Memory
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPL0102 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPL0102 Datasheet HTML 9Page - Texas Instruments TPL0102 Datasheet HTML 10Page - Texas Instruments TPL0102 Datasheet HTML 11Page - Texas Instruments TPL0102 Datasheet HTML 12Page - Texas Instruments TPL0102 Datasheet HTML 13Page - Texas Instruments TPL0102 Datasheet HTML 14Page - Texas Instruments TPL0102 Datasheet HTML 15Page - Texas Instruments TPL0102 Datasheet HTML 16Page - Texas Instruments TPL0102 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
(
)
HW
H
L
D
V
V
V
1
256
æ
ö
æ
ö
=
-
´
-
ç
÷
ç
÷
è
ø
è
ø
(
)
W
WL
H
L
D
V
V
V
V
256
=
=
-
´
H
L
W
VHW
VH - VL
VWL
H
L
W
Switch open when SHDN = Low
Switch closed when SHDN = High
13
TPL0102
www.ti.com
SLIS134C – MARCH 2011 – REVISED SEPTEMBER 2015
Product Folder Links: TPL0102
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
7.4 Device Functional Modes
7.4.1 Shutdown Mode
The TPL0102 can be put in Shutdown Mode by executing the proper command in the ACR (Access Control
Register). Please see the TPL0102 Register Map for more details. When active, this feature causes terminal H to
become high impedance.
Figure 18. Equivalent Circuit for Shutdown Mode
7.4.2 Voltage Divider Mode
The digital potentiometer generates a voltage divider when all three terminals are used. The voltage divider at
wiper-to-H and wiper-to-L is proportional to the input voltage at H to L.
Figure 19. Equivalent Circuit for Voltage Divider Mode
For example, connecting terminal H to 5 V and terminal L to ground, the output voltage at terminal W can range
from 0 V to 5 V. The general equation defining the output voltage at terminal W for any valid input voltage
applied to terminal H and terminal L is
(1)
The voltage difference between terminal H and terminal W can also be calculated
where
•
D is the decimal value of the wiper code.
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com