Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPL0102 Datasheet(PDF) 21 Page - Texas Instruments

Part # TPL0102
Description  TPL0102 Two 256-Taps Digital Potentiometers With Non-Volatile Memory
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPL0102 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPL0102 Datasheet HTML 17Page - Texas Instruments TPL0102 Datasheet HTML 18Page - Texas Instruments TPL0102 Datasheet HTML 19Page - Texas Instruments TPL0102 Datasheet HTML 20Page - Texas Instruments TPL0102 Datasheet HTML 21Page - Texas Instruments TPL0102 Datasheet HTML 22Page - Texas Instruments TPL0102 Datasheet HTML 23Page - Texas Instruments TPL0102 Datasheet HTML 24Page - Texas Instruments TPL0102 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
SCL
SDA
MSB
Bit
Bit
Bit
Bit
Bit
Bit
LSB
Byte: 1010 1010 ( 0xAAh )
1
0
1
0
1
0
1
0
SDA line stable while SCL line is high
ACK
ACK
SCL
SDA
STAR T
Condition
STOP
Condition
Data Transfer
21
TPL0102
www.ti.com
SLIS134C – MARCH 2011 – REVISED SEPTEMBER 2015
Product Folder Links: TPL0102
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Programming with I
2C (continued)
Figure 22. Definition of START and STOP Conditions
7.5.1.3 Data Validity and Byte Formation
One data bit is transferred during each clock pulse of the SCL. One byte is comprised of eight bits on the SDA
line. A byte may either be a device address, register address, or data written to or read from a slave.
Data is transferred Most Significant Bit (MSB) first. Any number of data bytes can be transferred from the master
to slave between the START and STOP conditions. Data on the SDA line must remain stable during the high
phase of the clock period, as changes in the data line when the SCL is high are interpreted as control commands
(START or STOP).
Figure 23. Definition of Byte Formation
7.5.1.4 Acknowledge (ACK) and Not Acknowledge (NACK)
Each byte is followed by one ACK bit from the receiver. The ACK bit allows the receiver to communicate to the
transmitter that the byte was successfully received and another byte may be sent.
The transmitter must release the SDA line before the receiver can send the ACK bit. To send an ACK bit, the
receiver shall pull down the SDA line during the low phase of the ACK/NACK-related clock period (period 9), so
that the SDA line is stable low during the high phase of the ACK/NACK-related clock period. Setup and hold
times must be taken into account.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com