Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPL0102 Datasheet(PDF) 12 Page - Texas Instruments

Part # TPL0102
Description  TPL0102 Two 256-Taps Digital Potentiometers With Non-Volatile Memory
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPL0102 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPL0102 Datasheet HTML 8Page - Texas Instruments TPL0102 Datasheet HTML 9Page - Texas Instruments TPL0102 Datasheet HTML 10Page - Texas Instruments TPL0102 Datasheet HTML 11Page - Texas Instruments TPL0102 Datasheet HTML 12Page - Texas Instruments TPL0102 Datasheet HTML 13Page - Texas Instruments TPL0102 Datasheet HTML 14Page - Texas Instruments TPL0102 Datasheet HTML 15Page - Texas Instruments TPL0102 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
I
2C INTERFACE
VOLATILE
REGISTERS
NON-VOLATILE
REGISTERS
A0 A1 A2
HA
LA
HB
LB
WA
WB
VDD
VSS
GND
SDA
SCL
12
TPL0102
SLIS134C – MARCH 2011 – REVISED SEPTEMBER 2015
www.ti.com
Product Folder Links: TPL0102
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
7.2 Functional Block Diagram
7.3 Feature Description
The TPL0102 has two linear-taper digital potentiometers (DPOTs) with 256 wiper positions. Each potentiometer
can be used as a three-terminal potentiometer or a two-terminal rheostat. The TPL0102-100 has an end-to-end
resistance of 100 k
Ω with a 20% end-to-end resistance tolerance. Non-volatile memory (EEPROM) can be used
to store the wiper position allowing the wiper position to be stored even during power-off and automatically
reinstated after power-on. The internal registers of the TPL0102 can be accessed using the I2C digital interface.
The TPL0102 is available in a 14-pin MicroQFN (2.00 mm x 2.00 mm) and 14-pin TSSOP package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com