Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPL0102 Datasheet(PDF) 32 Page - Texas Instruments

Part # TPL0102
Description  TPL0102 Two 256-Taps Digital Potentiometers With Non-Volatile Memory
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPL0102 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TPL0102 Datasheet HTML 28Page - Texas Instruments TPL0102 Datasheet HTML 29Page - Texas Instruments TPL0102 Datasheet HTML 30Page - Texas Instruments TPL0102 Datasheet HTML 31Page - Texas Instruments TPL0102 Datasheet HTML 32Page - Texas Instruments TPL0102 Datasheet HTML 33Page - Texas Instruments TPL0102 Datasheet HTML 34Page - Texas Instruments TPL0102 Datasheet HTML 35Page - Texas Instruments TPL0102 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
set
LOAD
set
V
I
R
=
200
Ÿ
Vcc
TPL0102
OPA317
H
W
L
1 nF
10 k
1.2 k
Vcc
150 k
Vcc
Load+
Load-
RLOAD
TPL0102
H
W
L
Vset
Rset
ILOAD
Voltage
Divider
Mode
Rheostat Mode
32
TPL0102
SLIS134C – MARCH 2011 – REVISED SEPTEMBER 2015
www.ti.com
Product Folder Links: TPL0102
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
8.2.3 Variable Current Sink
Figure 35. Variable Current Sink Schematic
8.2.3.1 Design Requirements
DESIGN PARAMETER
EXAMPLE VALUE
Load Current Range
0 µA to 1.33 mA
8.2.3.2 Detailed Design Procedure
Both potentiometers within the TPL0102 can be used with an OPA317 op amp and N-Channel MOSFET to
produce a variable current sink. The first potentiometer, configured in voltage divider mode, is used to set the
input voltage to the OPA317. The second potentiometer, configured in rheostat mode, is used to set the span of
the current (ILOAD) running through RLOAD. The load current for the circuit is shown below:
(13)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com